Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8824 Datasheet (PDF) - Texas Instruments

DRV8824 Datasheet PDF - Texas Instruments
Part # DRV8824
Download  DRV8824 Download
File Size   1135.93 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8824-Q1 Automotive Motor Controller IC

DRV8824 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8824 Datasheet PDF - Texas Instruments

Part # DRV8824
Download  DRV8824 Click to download

File Size   1135.93 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8824-Q1 Automotive Motor Controller IC

DRV8824 Datasheet (HTML) - Texas Instruments


DRV8824 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results:
– Device Temperature Grade 1: -40°C to +125°C
– Device HBM ESD Classification Level H2
– Device CDM ESD Classification Level C4B
• PWM Microstepping Motor Driver
– Built-In Microstepping Indexer
– Five-Bit Winding Current Control Allows Up to
32 Current Levels
– Low MOSFET On-Resistance
• 1.6-A Maximum Drive Current at 24 V, 25°C
• Built-In 3.3-V Reference Output
• 8.2-V to 45-V Operating Supply Voltage Range
• Thermally Enhanced HTSSOP Surface Mount
Package

2 Applications
• Automotive HVAC
• Automotive Valves
• Automotive Infotainment

3 Description
The DRV8824-Q1 provides an integrated motor driver
solution for automotive applications. The device has two H-bridge drivers and a microstepping indexer,
and is intended to drive a bipolar stepper motor. The
output driver block for each consists of N-channel
power MOSFET’s configured as full H-bridges to drive the motor windings. The DRV8824-Q1 is
capable of driving up to 1.6-A of output current (with
proper heatsinking, at 24 V and 25°C).
A simple step/direction interface allows easy
interfacing to controller circuits. Terminals allow
configuration of the motor in full-step up to 1/32-step
modes. Decay mode is programmable.
Internal shutdown functions are provided for
overcurrent protection, short circuit protection, undervoltage lockout and overtemperature.
The DRV8824-Q1 is available in a 28-terminal HTSSOP package with PowerPAD™ (Eco-friendly:
RoHS & no Sb/Br).




Similar Part No. - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
1Mb / 36P
DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824 Datasheet
1Mb / 35P
Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 35P
Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
Automotive Motor Controller IC
More results


Similar Description - DRV8824

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
DRV8824 Stepper Motor Controller IC
DRV8802-Q1 TI-DRV8802-Q1_15 Datasheet
978Kb / 26P
DRV8802-Q1 Automotive DC Motor-Driver IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
DRV8824-Q1 Automotive Motor Controller IC
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
DRV8824 Stepper Motor Controller IC
DRV8824-Q1 TI1-DRV8824-Q1 Datasheet
1Mb / 30P
Automotive Motor Controller IC
DRV3201-Q1 TI1-DRV3201-Q1_16 Datasheet
3Mb / 60P
DRV3201-Q1 3 Phase Motor Driver-IC for Automotive Safety Applications
DLPC230-Q1 TI1-DLPC230-Q1_V01 Datasheet
3Mb / 75P
DLPC23x-Q1 Automotive DMD Controller
REVISED AUGUST 2023
DLPC230S-Q1 TI1-DLPC230S-Q1_V01 Datasheet
3Mb / 75P
DLPC23xS-Q1 Automotive DMD Controller
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com