Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90UB901Q Datasheet (PDF) - Texas Instruments

DS90UB901Q Datasheet PDF - Texas Instruments
Part # DS90UB901Q
Download  DS90UB901Q Download
File Size   1127.54 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90UB901Q/DS90UB902Q 10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel

DS90UB901Q Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90UB901Q Datasheet PDF - Texas Instruments

Part # DS90UB901Q
Download  DS90UB901Q Click to download

File Size   1127.54 Kbytes
Page   52 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90UB901Q/DS90UB902Q 10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel

DS90UB901Q Datasheet (HTML) - Texas Instruments


DS90UB901Q Product details

1FEATURES
2• 10 MHz to 43 MHz Input PCLK Support
• 160 Mbps to 688 Mbps Data Throughput
• Single Differential Pair Interconnect
• Bidirectional Control Interface Channel with
I2C Support
• Embedded Clock with DC Balanced Coding to
Support AC-Coupled Interconnects
• Capable to Drive up to 10 Meters Shielded
Twisted-Pair
• I2C Compatible Serial Interface
• Single Hardware Device Addressing Pin
• 16-bit Data Payload with CRC (Cyclic
Redundancy Check) for Checking Data
Integrity
• Up to 6 Programmable GPIO's
• LOCK Output Reporting Pin and AT-SPEED
BIST Diagnosis Feature to Validate Link
Integrity
• Integrated Termination Resistors
• 1.8V- or 3.3V-Compatible Parallel Bus Interface
• Single Power Supply at 1.8V
• ISO 10605 ESD and IEC 61000-4-2 ESD
Compliant
• Automotive Grade Product: AEC-Q100 Grade 2
Qualified
• Temperature Range −40°C to +105°C
• No Reference Clock Required on Deserializer
• Programmable Receive Equalization
• EMI/EMC Mitigation
– DES Programmable Spread Spectrum
(SSCG) Outputs
– DES Receiver Staggered Outputs

APPLICATIONS
• Automotive Vision Systems
• Rear View, Side View Camera
• Lane Departure Warning
• Parking Assistance
• Blind Spot View

DESCRIPTION
The DS90UB901Q/DS90UB902Q chipset offers a
FPD-Link III interface with a high-speed forward
channel and a bidirectional control channel for data
transmission over a single differential pair. The
Serializer/Deserializer pair is targeted for direct
connections between automotive camera systems
and Host Controller/Electronic Control Unit (ECU).
The primary transport sends 16 bits of image data
over a single high-speed serial stream together with a
low latency bidirectional control channel transport that
supports I2C. Included with the 16-bit payload is a
selectable data integrity option for CRC (Cyclic
Redundancy Check) to monitor transmission link
errors. Using TI’s embedded clock technology allows
transparent full-duplex communication over a single
differential pair, carrying asymmetrical bidirectional
control information without the dependency of video
blanking intervals. This single serial stream simplifies transferring a wide data bus over PCB traces and
cable by eliminating the skew problems between
parallel data and clock paths. This significantly saves
system cost by narrowing data paths that in turn
reduce PCB layers, cable width, and connector size
and pins.
In addition, the Deserializer inputs provide
equalization control to compensate for loss from the
media over longer distances. Internal DC balanced
encoding/decoding is used to support AC-Coupled
interconnects.
A Serializer standby function provides a low power-
savings mode with a remote wake up capability for
signaling of a remote device.
The Serializer is offered in a 32-pin WQFN (5mm x
5mm) package, and Deserializer is offered in a 40-pin
WQFN (6mm x 6mm) package.




Similar Part No. - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 50P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q-Q1 TI1-DS90UB901Q-Q1 Datasheet
1Mb / 50P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQ TI1-DS90UB901QSQ Datasheet
1Mb / 45P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901QSQ/NOPB TI1-DS90UB901QSQ/NOPB Datasheet
1Mb / 50P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
More results


Similar Description - DS90UB901Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UB901Q TI1-DS90UB901Q Datasheet
1Mb / 45P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q Datasheet
661Kb / 41P
10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UR903Q TI1-DS90UR903Q Datasheet
616Kb / 34P
DS90UR903Q/DS90UR904Q 10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
DS90UB903QSQ TI1-DS90UB903QSQ Datasheet
1Mb / 45P
DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer
DS90UB903QSQ TI-DS90UB903QSQ Datasheet
1,022Kb / 45P
DS90UB903Q/DS90UB904Q 10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB901Q TI1-DS90UB901Q_15 Datasheet
1Mb / 50P
10 - 43MHz 14 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB903Q TI1-DS90UB903Q_15 Datasheet
1Mb / 47P
10 - 43MHz 18 Bit Color FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
DS90UR903Q-Q1 TI1-DS90UR903Q-Q1 Datasheet
1Mb / 44P
10 - 43MHz 18 Bit Color FPD-Link II Serializer and Deserializer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com