Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D01951 Datasheet (PDF) - Premier Farnell Limited.

D01951 Datasheet PDF - Premier Farnell Limited.
Part # D01951
Download  D01951 Download
File Size   156.29 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 90Kg Large Hand Truck

D01951 Datasheet (PDF)

Go To PDF Page Download Datasheet
D01951 Datasheet PDF - Premier Farnell Limited.

Part # D01951
Download  D01951 Click to download

File Size   156.29 Kbytes
Page   1 Pages
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description 90Kg Large Hand Truck

D01951 Datasheet (HTML) - Premier Farnell Limited.


D01951 Product details

Features:
• Lightweight, tubular aluminium construction with soft-feel rubber handles
• Single movement opening and closing
• Slip resistant base
• Rubber wheels
• Overall: (L × W × H) 500mm × 450mm × 1080mm
• Folded: (L × W × H) 409mm × 60mm × 810mm
• Load plate: (W × D) 485mm × 270mm

Description:
Sturdy hand truck which folds flat for easy storage. Automatically folds completely
flat as the handle is pushed down, can be erected with one hand.Ideal to keep in
the boot of your car.




Similar Part No. - D01951

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
More results


Similar Description - D01951

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
Power distribution system on pcb for truck applications
logo
Molex Electronics Ltd.
2002180200 MOLEX1-2002180200 Datasheet
37Kb / 1P
Hand Crimp Tool for Mini-Fit TPA2 Male and Female Crimp Terminals, 22 AWG, Large
logo
Infineon Technologies A...
TLT807B0EPV INFINEON-TLT807B0EPV Datasheet
783Kb / 18P
Low dropout adjustable standby voltage regulator for truck applications
Rev. 1.00 2017-05-09
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
Molex Electronics Ltd.
213309-2800 MOLEX-213309-2800 Datasheet
851Kb / 8P
Hand Crimp Tool for CTX50 Unsealed Blade Large Grip Crimp Terminals
08-27-21
2133090500 MOLEX-2133090500 Datasheet
824Kb / 7P
Hand Crimp Tool for TPX50-50 Large Grip Receptacle Crimp Terminals
09-03-20
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com