Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5235-3.0BM5 Datasheet (PDF) - Microchip Technology

MIC5235-3.0BM5 Datasheet PDF - Microchip Technology
Part # MIC5235-3.0BM5
Download  MIC5235-3.0BM5 Download
File Size   365.85 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Quiescent Current, 150mA µCap LDO Regulator

MIC5235-3.0BM5 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5235-3.0BM5 Datasheet PDF - Microchip Technology

Part # MIC5235-3.0BM5
Download  MIC5235-3.0BM5 Click to download

File Size   365.85 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Quiescent Current, 150mA µCap LDO Regulator

MIC5235-3.0BM5 Datasheet (HTML) - Microchip Technology


MIC5235-3.0BM5 Product details

General Description
The MIC5235 is a 150mA highly accurate, low dropout
regulator with high input voltage and ultra-low ground
current. This combination of high voltage and low ground
current makes the MIC5235 ideal for USB and portable
electronics applications, using 1-cell, 2-cell or 3-cell Li-Ion
battery inputs.
A µCap LDO design, the MIC5235 is stable with either
ceramic or tantalum output capacitor. It only requires a
2.2µF capacitor for stability.
Features of the MIC5235 includes enable input, thermal
shutdown, current limit, reverse battery protection, and
reverse leakage protection.
Available in fixed and adjustable output voltage versions,
the MIC5235 is offered in the IttyBitty®
SOT-23-5 package
with a junction temperature range of –40°C to +125°C.

Features
• Wide input voltage range: 2.3V to 24V
• Ultra low ground current: 18µA
• Low dropout voltage: 310mV at 150mA
• High output accuracy: ±2.0% over temperature
• µCap: stable with ceramic or tantalum capacitors
• Excellent line and load regulation specifications
• Zero shutdown current
• Reverse battery protection
• Reverse leakage protection
• Thermal shutdown and current limit protection
• IttyBitty®
SOT-23-5 package
• Adjustable output from 1.24V-20V

Applications
• USB power supply
• Cellular phones
• Keep-alive supply in notebook and portable computers
• Logic supply for high-voltage batteries
• Automotive electronics
• Battery powered systems




Similar Part No. - MIC5235-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-3.0BM5 MICREL-MIC5235-3.0BM5 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5235-3.0BM5 MICREL-MIC5235-3.0BM5 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
More results


Similar Description - MIC5235-3.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5295 MICREL-MIC5295 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
Low Quiescent Current, 150mA LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
Low-Quiescent Current 150mA LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com