Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDC2010YPAR Datasheet (PDF) - Texas Instruments

HDC2010YPAR Datasheet PDF - Texas Instruments
Part # HDC2010YPAR
Download  HDC2010YPAR Download
File Size   1202.96 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC2010 Low-Power Humidity and Temperature Digital Sensors

HDC2010YPAR Datasheet (PDF)

Go To PDF Page Download Datasheet
HDC2010YPAR Datasheet PDF - Texas Instruments

Part # HDC2010YPAR
Download  HDC2010YPAR Click to download

File Size   1202.96 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HDC2010 Low-Power Humidity and Temperature Digital Sensors

HDC2010YPAR Datasheet (HTML) - Texas Instruments


HDC2010YPAR Product details

1 Features
• Relative humidity range: 0% to 100%
• Humidity accuracy: ±2%
• Sleep current: 50 nA
• Average supply current (1 measurement per
second)
– RH only (11 bit): 300 nA
– RH (11 bit) + temperature (11 bit): 550 nA
• Temperature range:
– Operating: –40°C to 85°C
– Functional: –40°C to 125°C
• Temperature accuracy: ±0.2°C typical
• Supply voltage: 1.62 V to 3.6 V
• Programmable sampling rate (5 Hz, 2 Hz, 1 Hz,
0.2 Hz, 0.1 Hz, 1/60 Hz, 1/120 Hz) or trigger on
demand
• I2C interface

2 Applications
• Smart thermostats
• Smart home assistants
• Refrigerators
• Refrigerated transport
• Washer/dryers
• HVAC systems
• Gas sensing
• Communications equipment
• Environmental tags
• Smoke and heat detectors
• Inkjet printers
• Surveillance cameras
• CPAP machines
• Wearables

3 Description
The HDC2010 is an integrated humidity and
temperature sensor that provides high accuracy
measurements with very low power consumption, in
an ultra-compact WLCSP (Wafer Level Chip Scale
Package). The sensing element of the HDC2010 is
placed on the bottom part of the device, which makes
the HDC2010 more robust against dirt, dust, and
other environmental contaminants. The capacitivebased
sensor includes new integrated digital features
and a heating element to dissipate condensation
and moisture. The HDC2010 digital features include
programmable interrupt thresholds to provide alerts/
system wake-ups without requiring a microcontroller
to be continuously monitoring the system. This,
combined with programmable sampling intervals, low
inherent power consumption, and support for 1.8-V
supply voltage, make the HDC2010 well suited for
battery-operated systems.
The HDC2010 provides high accuracy measurement
capability for a wide range of environmental
monitoring applications and Internet of Things (IoT)
such as smart thermostats, smart home assistants
and wearables. The HDC2010 can also be used to
provide critical temperature and humidity data for cold
chain transportation and storage of perishable goods
to help ensure products like food and pharmaceuticals
arrive fresh.
The HDC2010 is factory-calibrated to 0.2°C
temperature accuracy and 2% relative humidity
accuracy and includes a heating element to burn
away condensation and moisture for increased
reliability. The HDC2010 supports operation from –
40°C to 125°C and from 0% to 100% relative humidity.




Similar Part No. - HDC2010YPAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HDC2010YPAR TI1-HDC2010YPAR Datasheet
683Kb / 34P
Low Power Humidity and Temperature Digital Sensors
More results


Similar Description - HDC2010YPAR

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Silicon Laboratories
SI7013USB-DONGLE SILABS-SI7013USB-DONGLE Datasheet
593Kb / 22P
EVALUATION DONGLE TEMPERATURE AND HUMIDITY SENSORS
logo
Texas Instruments
HDC2010 TI1-HDC2010 Datasheet
683Kb / 34P
Low Power Humidity and Temperature Digital Sensors
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
Digital Humidity and Temperature Sensor
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
Digital Temperature and Humidity Sensor
logo
Honeywell Solid State E...
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Innovative Sensor Techn...
HYT939 IST-HYT939 Datasheet
570Kb / 3P
Digital Humidity and Temperature Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com