Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA138-Q1 Datasheet (PDF) - Texas Instruments

INA138-Q1 Datasheet PDF - Texas Instruments
Part # INA138-Q1
Download  INA138-Q1 Download
File Size   1188.25 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor

INA138-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA138-Q1 Datasheet PDF - Texas Instruments

Part # INA138-Q1
Download  INA138-Q1 Click to download

File Size   1188.25 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA1x8-Q1 Automotive-Grade, High-Side, Current-Output, Current-Shunt Monitor

INA138-Q1 Datasheet (HTML) - Texas Instruments


INA138-Q1 Product details

1 Features
1• Qualified for Automotive Applications
• AEC-Q100 Qualified With the Following Results:
– Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
– Device HBM ESD Classification Level 2
– Device CDM ESD Classification Level C6
• Complete Unipolar High-Side Current-
Measurement Circuit
• Wide Supply and Common-Mode Ranges:
– INA138-Q1: 2.7 V to 36 V
– INA168-Q1: 2.7 V to 60 V
• Independent Supply and Input Common-Mode
Voltages
• Single Resistor Gain Set
• Low Quiescent Current (25 μA Typical)
• Wide Temperature Range: –40°C to +125°C
• Packages: TSSOP-8, SOT-23-5 (INA168-Q1)

2 Applications
• Electric Power Steering (EPS) Systems
• Body Control Modules
• Brake Systems
• Electronic Stability Control (ESC) Systems

3 Description
The INA138-Q1 and INA168-Q1 (INA1x8-Q1) devices
are high-side, unidirectional, current sense amplifiers.
Wide input common-mode voltage range, low
quiescent current, and TSSOP and SOT-23
packaging enable use in a variety of applications.
Input common-mode and power-supply voltages are
independent, and range from 2.7 V to 36 V for the
INA138-Q1, and 2.7 V to 60 V for the INA168-Q1.
Quiescent current is only 25 μA, which permits
connecting the power supply to either side of the
current-measurement shunt with minimal error.
The device converts a differential input voltage to a
current output. This current is converted back to a
voltage with an external load resistor that sets any
gain from 1 to over 100. Although designed for
current shunt measurement, the circuit invites
creative applications in measurement and level
shifting.
Both devices are available in a TSSOP-8 package.
The INA168-Q1 is also available in a SOT-23-5
package. Both devices are specified for the –40°C to
+125°C temperature range.




Similar Part No. - INA138-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI2-INA138-Q1 Datasheet
1Mb / 28P
INA1x8 High-Side Measurement Current Shunt Monitor
REVISED DECEMBER 2017
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results


Similar Description - INA138-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
INA138 TI-INA138_15 Datasheet
1Mb / 27P
INA1x8 High-Side Measurement Current Shunt Monitor
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
High-Side Measurement Current Shunt Monitor
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Diodes Incorporated
ZXCT1008Q DIODES-ZXCT1008Q Datasheet
774Kb / 9P
AUTOMOTIVE GRADE 20V HIGH-SIDE CURRENT MONITOR
Rev erse
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com