Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC1101 Datasheet (PDF) - Texas Instruments

LDC1101 Datasheet PDF - Texas Instruments
Part # LDC1101
Download  LDC1101 Download
File Size   1207.75 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1101 1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter

LDC1101 Datasheet (PDF)

Go To PDF Page Download Datasheet
LDC1101 Datasheet PDF - Texas Instruments

Part # LDC1101
Download  LDC1101 Click to download

File Size   1207.75 Kbytes
Page   55 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LDC1101 1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter

LDC1101 Datasheet (HTML) - Texas Instruments


LDC1101 Product details

1 Features
1• Wide Operating Voltage Range: 1.8 V to 3.3 V
• Sensor Frequency Range: 500 kHz to 10 MHz
• RP Resolution: 16-Bit
• L Resolution: 16- or 24-Bit
• 180-kSPS Conversion Rate
• Threshold Detection Functionality
• 1% Part-to-Part Variation in RP Measurement
• Supply Current:
– 1.4-μA Shutdown mode
– 135-μA Sleep mode
– 1.9-mA Active Mode (no sensor connected)
• Sub-Micron Distance Resolution Achievable
• Remote Sensor Placement Isolating the LDC from
Harsh Environments
• Robust Against Environmental Interferences such
as Oil, Water, Dirt, or Dust
• Minimal External Components
• Magnet-Free Operation
• Operating Temperature: –40°C to +125°C

2 Applications
• High-Speed Gear Counting
• High-Speed Event Counting
• Motor Speed Sensing
• Knobs and Dials for Appliances, Automotive, and
Consumer Applications
• HMI for Appliances, Automotive, and Consumer
Applications
• Buttons and Keypads
• Motor Control
• Metal Detection

3 Description
The LDC1101 is a 1.8-V to 3.3-V, high-resolution
inductance-to-digital converter for short-range, highspeed,
contactless sensing of position, rotation, or
motion, enabling reliable, accurate measurements
even in the presence of dust or dirt, making it ideal
for open or harsh environments.
The LDC1101 features dual inductive measurement
cores, allowing for > 150 ksps 16-bit RP and L
measurements simultaneous with a high-resolution L
measurement which can sample at > 180 ksps with a
resolution of up to 24 bits. The LDC1101 includes a
threshold-compare function which can be dynamically
updated while the device is running.
Inductive sensing technology enables precise
measurement of linear/angular position,
displacement, motion, compression, vibration, metal
composition, and many other applications in markets
including automotive, consumer, computer, industrial,
medical, and communications. Inductive sensing
offers better performance and reliability at lower cost
than other, competing solutions.
The LDC1101 offers these benefits of inductive
sensing in a small 3-mm × 3-mm 10-pin VSON
package. The LDC1101 can be easily configured by a
microcontroller using the 4-pin SPI™.




Similar Part No. - LDC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101DRCR TI1-LDC1101DRCR Datasheet
1Mb / 55P
1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101DRCT TI1-LDC1101DRCT Datasheet
1Mb / 55P
1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
More results


Similar Description - LDC1101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
LDC1101 TI-LDC1101_15 Datasheet
1Mb / 54P
LDC1101 1.8 V High-Resolution, High-Speed Inductance-to-Digital Converter
LDC1101 TI1-LDC1101 Datasheet
1Mb / 55P
1.8-V High-Resolution, High-Speed Inductance-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com