Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43160 Datasheet (PDF) - Molex Electronics Ltd.

43160 Datasheet PDF - Molex Electronics Ltd.
Part # 43160
Download  43160 Download
File Size   40.11 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Sabre Power Connector

43160 Datasheet (PDF)

Go To PDF Page Download Datasheet
43160 Datasheet PDF - Molex Electronics Ltd.

Part # 43160
Download  43160 Click to download

File Size   40.11 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Sabre Power Connector

43160 Datasheet (HTML) - Molex Electronics Ltd.


43160 Product details

Description: Sabre Right-Angle Header, 5 Circuits, Glow-Wire Capable, PCB Thickness 1.60mm, without Board Lock




Similar Part No. - 43160

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43160 MOLEX-43160 Datasheet
481Kb / 5P
SABRE HEADER ASSEMBLY 2-6 & 8 CIRCUIT .125/(3.18) X .020/(0.51)
2020/05/21
43160-0102 MOLEX-43160-0102 Datasheet
481Kb / 5P
SABRE HEADER ASSEMBLY 2-6 & 8 CIRCUIT .125/(3.18) X .020/(0.51)
2020/05/21
43160-0103 MOLEX-43160-0103 Datasheet
481Kb / 5P
SABRE HEADER ASSEMBLY 2-6 & 8 CIRCUIT .125/(3.18) X .020/(0.51)
2020/05/21
43160-0104 MOLEX-43160-0104 Datasheet
481Kb / 5P
SABRE HEADER ASSEMBLY 2-6 & 8 CIRCUIT .125/(3.18) X .020/(0.51)
2020/05/21
43160-0105 MOLEX-43160-0105 Datasheet
481Kb / 5P
SABRE HEADER ASSEMBLY 2-6 & 8 CIRCUIT .125/(3.18) X .020/(0.51)
2020/05/21
More results


Similar Description - 43160

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX6QP-SDB NXP-MCIMX6QP-SDB Datasheet
325Kb / 12P
SABRE Board for Smart Devices
2012, 2014??015
logo
Molex Electronics Ltd.
1718250100 MOLEX1-1718250100 Datasheet
35Kb / 1P
Super Sabre Female Crimp Terminal
1718260100 MOLEX1-1718260100 Datasheet
31Kb / 1P
Super Sabre Male Crimp Terminal
logo
rfsolutions.ltd
SABRETRAP RFSOLUTIONS-SABRETRAP Datasheet
2Mb / 7P
SABRE Trap Control
logo
Molex Electronics Ltd.
0797582041 MOLEX1-0797582041 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 150mm, 16 AWG
0797582044 MOLEX1-0797582044 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 300mm, 16 AWG
0797582043 MOLEX1-0797582043 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Female-to-Sabre Female, 150mm, 16 AWG
0797582042 MOLEX1-0797582042 Datasheet
43Kb / 1P
Pre-Crimped Lead Sabre Male-to-Sabre Male, 300mm, 16 AWG
logo
NXP Semiconductors
IMXSABREAI2FS NXP-IMXSABREAI2FS Datasheet
95Kb / 2P
SABRE Platform for Automotive Infotainment
2014
logo
Molex Electronics Ltd.
63827-1700 MOLEX-63827-1700 Datasheet
1Mb / 8P
Tool Kit Super-Sabre Crimp Terminals
11-06-15
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com