Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3279 Datasheet (PDF) - Texas Instruments

LM3279 Datasheet PDF - Texas Instruments
Part # LM3279
Download  LM3279 Download
File Size   1176.47 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3279 Buck-Boost Converter With MIPI® RFFE Interface for 3G And 4G RF Power Amplifiers

LM3279 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3279 Datasheet PDF - Texas Instruments

Part # LM3279
Download  LM3279 Click to download

File Size   1176.47 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3279 Buck-Boost Converter With MIPI® RFFE Interface for 3G And 4G RF Power Amplifiers

LM3279 Datasheet (HTML) - Texas Instruments


LM3279 Product details

1 Features
1• MIPI® RFFE Digital Control Interface
• High-Efficiency PFM and PWM Modes with
Internal Seamless Transition
• Operates from a Single Li-Ion Cell: 2.7 V to 5.5 V
• Adjustable Output Voltage:
– RFFE Digital Control: 0.4 V to 4.2 V
– Analog Control: 0.5 V to 4.2 V
• 1-A Maximum Load Capability for VBATT ≥ 3.2 V,
VOUT = 3.6 V
• 2.4-MHz (typ.) Switching Frequency
• Seamless Buck-Boost Mode Transition
• Fast Output Voltage Transition: 0.8 V to 4 V in 20
μs
• High-Efficiency: 95% typ. at VBATT = 3.7 V,
VOUT = 3.3 V, at 300 mA
• Input Overcurrent Limit
• Output Overvoltage Clamp
• Internal Compensation

2 Applications
• 3G/4G Smartphones
• RF PC Cards
• Tablets, eBooks Readers
• Battery-Powered RF Devices

3 Description
The LM3279 is a buck-boost DC/DC converter
designed to generate output voltages above or below
a given input voltage and is particularly suitable for
Power Amplifiers operating from single-cell Li-Ion
batteries in portable applications.
The LM3279 has four modes of operation: Pulse
Width Modulation (PWM), Pulse Frequency
Modulation (PFM), standby, and shutdown. During
normal conditions, the LM3279 operates in full
synchronous PWM mode at 2.4-MHz typical switching
frequency, providing seamless transitions between
buck and boost operating regimes. Energy-saving
PFM mode increases efficiencies and current savings
during low-power RF transmission modes. For hightransmit
power, the device operates in PWM buck or
boost mode, whereas the device can transition
between PWM and PFM modes during low-power
transmit. The LM3279 can be controlled either via an
included MIPI RFFE Digital Control Interface or by
using an analog control from an external MCU,
offering design flexibility.
The power converter topology enables minimum total
solution size by using one small footprint and case
size inductor and two surface mount capacitors.
The LM3279 is internally compensated for buck and
boost modes of operation thus providing an optimal
transient response.




Similar Part No. - LM3279

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3279 TI-LM3279 Datasheet
1Mb / 31P
LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3279 TI1-LM3279 Datasheet
1Mb / 37P
Buck-Boost Converter
LM3279TLE/NOPB TI1-LM3279TLE/NOPB Datasheet
1Mb / 37P
Buck-Boost Converter
LM3279TLX/NOPB TI1-LM3279TLX/NOPB Datasheet
1Mb / 37P
Buck-Boost Converter
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
More results


Similar Description - LM3279

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3209-G3 TI1-LM3209-G3 Datasheet
186Kb / 6P
LM3209-G3 PRODUCT BRIEF Seamless-Transition Buck-Boost Converter for Battery- Powered 3G/4G RF Power Amplifiers
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3209TLX-G3-NOPB TI1-LM3209TLX-G3-NOPB Datasheet
1Mb / 22P
Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3279 TI-LM3279 Datasheet
1Mb / 31P
LM3279 Buck-Boost Converter with MIPI RFFE Interfacefor 3G and 4G RF Power Amplifiers
LM3253 TI1-LM3253_14 Datasheet
990Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
LM3209-G3 TI-LM3209-G3_15 Datasheet
1Mb / 22P
LM3209-G3 Seamless-Transition Buck-Boost Converter for Battery-Powered 3G/4G RF Power Amplifiers
LM3243 TI-LM3243_15 Datasheet
1Mb / 32P
LM3243 High-Current Step-Down Converter for 2G, 3G, and 4G RF Power Amplifiers
REVISED AUGUST 2015
LM3269 TI-LM3269_15 Datasheet
2Mb / 27P
LM3269 Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
LM3279 TI-LM3279_15 Datasheet
1Mb / 37P
LM3279 Buck-Boost Converter With MIPI짰 RFFE Interface for 3G And 4G RF Power Amplifiers
LM3253 TI1-LM3253_17 Datasheet
988Kb / 26P
High-Current Step-Down Converter for 2G/3G/4G RF Power Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com