Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM50 Datasheet (PDF) - Texas Instruments

LM50 Datasheet PDF - Texas Instruments
Part # LM50
Download  LM50 Download
File Size   1178.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50-Q1 Automotive (Grade 1), ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LM50 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM50 Datasheet PDF - Texas Instruments

Part # LM50
Download  LM50 Click to download

File Size   1178.33 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM50-Q1 Automotive (Grade 1), ±3°C Accurate, Analog Centigrade (10mV/°C) Temperature Sensor in SOT-23 Package

LM50 Datasheet (HTML) - Texas Instruments


LM50 Product details

1 Features
• AEC-Q100 Qualified for automotive applications
– LM50-Q1 (Grade-1): –40°C to +125°C
operating temperature
– Device HBM ESD classification level 2
• Functional safety-capable
– Documentation available to aid functional safety
system design
• Industry-Standard Sensor Gain/Offset:
– 10mV/°C, 500mV at 0°C
• LM50-Q1 Temperature Accuracy:
– ±3°C (Max) at 25°C
– ±4°C (Max) over −40°C to 125°C
• Operating supply range: 4.5V to 10V
• Quiescent Current (Typ): 95μA
• Available in Standard SOT23-3 package
• Nonlinearity: ±0.8°C (Max)
• DC Output Impedance: 2kΩ/4kΩ (typ/Max)
– Enables driving large capacitive loads
• UL Recognized Component

2 Applications
• Automotive
• HEV/EV OBC & DC/DC converter
• Electronic power steering (EPS)
• Head unit & digital cockpit
• Braking systems
• In-cabin sensing
• HVAC System
• Power Supply Modules

3 Description
The LM50-Q1 device is an automotive-grade analog
temperature sensor (AEC-Q100 Grade 1 qualified)
that can measure temperatures from -40°C to 125°C
using a single positive supply. The output voltage
of the device is linearly proportional to temperature
(10mV/°C) and has a DC offset of 500mV at 0°C. The
offset allows reading negative temperatures without
the need for a negative supply. The output voltage of
the LM50-Q1 ranges from 100mV (at –40°C) to 1.75V
(at 125°C), simplifying automotive ADC interfacing
(including ADC integrated in MCU).
Unlike NTC thermistors, LM50-Q1 does not require
any external calibration, trimming or software
linearization leading to simplifying the circuitry
requirements in a single supply environment. Due to
low quiescent current of LM50-Q1 (typically around
95μA), self-heating is limited to a very low 0.2°C
(in still air) and the device is ideal for automotive
applications such as ECUs. Trimming and calibration
of LM50-Q1 at the wafer level verify low cost and
consistent accuracy: (±3°C at 25°C, ±4°C across
–40°C to 125°C). Functional safety documentation
is also available for systems requiring enhanced
reliability.




Similar Part No. - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LM50 TI1-LM50 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
More results


Similar Description - LM50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM50 NSC-LM50 Datasheet
176Kb / 7P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50B NSC-LM50B Datasheet
165Kb / 8P
SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 NSC-LM50_06 Datasheet
603Kb / 9P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Texas Instruments
LMT90 TI-LMT90 Datasheet
910Kb / 14P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1 Datasheet
853Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50BIM3X TI-LM50BIM3X Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50CIM3 TI-LM50CIM3 Datasheet
829Kb / 15P
LM50/LM50-Q1 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50-Q1 TI1-LM50-Q1_14 Datasheet
854Kb / 16P
SOT-23 Single-Supply Centigrade Temperature Sensor
LMT90 TI-LMT90_15 Datasheet
907Kb / 18P
LMT90 SOT-23 Single-Supply Centigrade Temperature Sensor
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com