Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385Z-1.2/NOPB.B Datasheet (PDF) - Texas Instruments

LM385Z-1.2/NOPB.B Datasheet PDF - Texas Instruments
Part # LM385Z-1.2/NOPB.B
Download  LM385Z-1.2/NOPB.B Download
File Size   1185.41 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode

LM385Z-1.2/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LM385Z-1.2/NOPB.B Datasheet PDF - Texas Instruments

Part # LM385Z-1.2/NOPB.B
Download  LM385Z-1.2/NOPB.B Click to download

File Size   1185.41 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode

LM385Z-1.2/NOPB.B Datasheet (HTML) - Texas Instruments


LM385Z-1.2/NOPB.B Product details

1FEATURES
2• ±1% and 2% Initial Tolerance
• Operating Current of 10μA to 20mA
• 1Ω Dynamic Impedance
• Low Temperature Coefficient
• Low Voltage Reference—1.235V
• 2.5V Device and Adjustable Device Also
Available
• LM185-2.5 Series and LM185 Series,
respectively

DESCRIPTION
The LM185-1.2-N/LM285-1.2-N/LM385-1.2-N are
micropower 2-terminal band-gap voltage regulator
diodes. Operating over a 10μA to 20mA current
range, they feature exceptionally low dynamic
impedance and good temperature stability. On-chip
trimming is used to provide tight voltage tolerance.
Since the LM185-1.2-N band-gap reference uses only
transistors and resistors, low noise and good long
term stability result.
Careful design of the LM185-1.2-N has made the
device exceptionally tolerant of capacitive loading,
making it easy to use in almost any reference
application. The wide dynamic operating range allows
its use with widely varying supplies with excellent
regulation.
The extremely low power drain of the LM185-1.2-N
makes it useful for micropower circuitry. This voltage
reference can be used to make portable meters,
regulators or general purpose analog circuitry with
battery life approaching shelf life.
Further, the wide operating current allows it to
replace older references with a tighter tolerance part.
The LM185-1.2-N is rated for operation over a −55°C
to 125°C temperature range while the LM285-1.2-N is
rated −40°C to 85°C and the LM385-1.2-N 0°C to
70°C. The LM185-1.2-N/LM285-1.2-N are available in
a hermetic TO package and the LM285-1.2-N/LM385-
1.2-N are also available in a low-cost TO-92 molded
package, as well as SOIC and SOT-23.




Similar Part No. - LM385Z-1.2/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385Z-1.2/NOPB TI1-LM385Z-1.2/NOPB Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
More results


Similar Description - LM385Z-1.2/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285BYMX-25 TI1-LM285BYMX-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM285M-25 TI1-LM285M-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com