Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCR420ZX Datasheet (PDF) - Nexperia B.V. All rights reserved

NCR420ZX Datasheet PDF - Nexperia B.V. All rights reserved
Part # NCR420ZX
Download  NCR420ZX Download
File Size   424.89 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 150 mA LED driver in SOT223

NCR420ZX Datasheet (PDF)

Go To PDF Page Download Datasheet
NCR420ZX Datasheet PDF - Nexperia B.V. All rights reserved

Part # NCR420ZX
Download  NCR420ZX Click to download

File Size   424.89 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 150 mA LED driver in SOT223

NCR420ZX Datasheet (HTML) - Nexperia B.V. All rights reserved


NCR420ZX Product details

1. Product profile
1.1. General description
LED driver consisting of resistor-equipped NPN transistor with two diodes on one chip in a medium
power SOT223 (SC73) plastic package.

1.2. Features and benefits
• Stabilized output current of 10 mA without external resistor
• Stabilized output current adjustable up to 150 mA when an external resistor is used
• High current accuracy at supply voltage variation
• Low voltage overhead of 1.4 V
• Reduces component count and board space
• High power dissipation of 1250 mW
• Supply voltage up to 40 V
• Digital PWM input up to 10 kHz frequency for NCR421Z
• AEC-Q101 qualified

1.3. Applications
• Constant current LED driver
• Generic constant current source
• Automotive applications (for example: interior lighting, dash board, instrumentation,
number plate light)
• Increase stabilized output current by paralleling drivers




Similar Part No. - NCR420ZX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCR420Z NEXPERIA-NCR420Z Datasheet
424Kb / 18P
150 mA LED driver in SOT223
Rev. 1 - 4 February 2019
More results


Similar Description - NCR420ZX

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCR402T NEXPERIA-NCR402T Datasheet
674Kb / 12P
20 mA LED driver in SOT23
NCR402U NEXPERIA-NCR402U Datasheet
1Mb / 15P
20 mA LED driver in SOT457
NCR405U NEXPERIA-NCR405U Datasheet
839Kb / 16P
50 mA LED driver in SOT457
NCR401T NEXPERIA-NCR401T Datasheet
673Kb / 12P
10 mA LED driver in SOT23
NCR401U NEXPERIA-NCR401U Datasheet
841Kb / 16P
10 mA LED driver in SOT457
NCR320U NEXPERIA-NCR320U Datasheet
421Kb / 17P
250 mA LED driver in SOT457
Rev. 1 - 11 December 2018
NCR320Z NEXPERIA-NCR320Z Datasheet
457Kb / 18P
250 mA LED driver in SOT223
Rev. 1 - 4 February 2019
NCR420PAS NEXPERIA-NCR420PAS Datasheet
432Kb / 18P
150 mA LED driver in DFN2020D-6
Rev. 1 - 13 May 2020
NCR420U NEXPERIA-NCR420U Datasheet
387Kb / 17P
150 mA LED driver in SOT457
Rev. 1 - 10 December 2018
NCR420Z NEXPERIA-NCR420Z Datasheet
424Kb / 18P
150 mA LED driver in SOT223
Rev. 1 - 4 February 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com