Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53-800 Datasheet (PDF) - Multicomp Pro

53-800 Datasheet PDF - Multicomp Pro
Part # 53-800
Download  53-800 Download
File Size   297.18 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 3-1/8” Square Piezo Horn Tweeter

53-800 Datasheet (PDF)

Go To PDF Page Download Datasheet
53-800 Datasheet PDF - Multicomp Pro

Part # 53-800
Download  53-800 Click to download

File Size   297.18 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 3-1/8” Square Piezo Horn Tweeter

53-800 Datasheet (HTML) - Multicomp Pro


53-800 Product details

Features
• 75W Power Rating
• 3.4″ × 3.4″ Piezo Tweeter Horn Driver
• High Compliance Response: 2.0K - 20KHz
• SPL: 91dB@1W/1M

Description
3-1/8” Square Piezo Horn Tweeter




Similar Part No. - 53-800

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
53-1211 MULTICOMP-53-1211 Datasheet
358Kb / 1P
1.35” Titanium Dome Tweeter
30/06/22 V1.0
logo
List of Unclassifed Man...
53-1221 ETC-53-1221 Datasheet
34Kb / 2P
1.75“Titainium Dome Compression Tweeter Driver
logo
Magnetrol International...
53-4701-001 MAGNETROL-53-4701-001 Datasheet
96Kb / 2P
Model FLS Flood Level Switch Descriptive Data
logo
Aries Electronics, Inc.
53-505-110 ARIES-53-505-110 Datasheet
626Kb / 1P
PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
53-505-111 ARIES-53-505-111 Datasheet
626Kb / 1P
PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
More results


Similar Description - 53-800

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF Datasheet
131Kb / 1P
3/8 Square Trimming Potentiometer
3299W-1-103 BOURNS-3299W-1-103 Datasheet
308Kb / 1P
3/8??Square Trimming Potentiometer
RJ24 BOURNS-RJ24 Datasheet
169Kb / 1P
3/8 ??Square Trimming Potentiometer
3386 BOURNS-3386_06 Datasheet
317Kb / 3P
3/8 Square Trimming Potentiometer
3386P-1-502LF BOURNS-3386P-1-502LF Datasheet
168Kb / 3P
3386 - 3/8 ??Square Trimming Potentiometer
3292 BOURNS-3292 Datasheet
149Kb / 1P
3/8 ??Square Trimpot짰 Trimming Potentiometer
3299W-1-103LF BOURNS-3299W-1-103LF_10 Datasheet
154Kb / 1P
3/8 Square Trimpot짰 Trimming Potentiometer
logo
List of Unclassifed Man...
SF-3012 ETC2-SF-3012 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com