Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM21215A Datasheet (PDF) - Texas Instruments

LM21215A Datasheet PDF - Texas Instruments
Part # LM21215A
Download  LM21215A Download
File Size   1085.83 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM21215A 2.95-V to 5.5-V,15-A, Voltage-Mode Synchronous Buck Converter With Frequency Synchronization

LM21215A Datasheet (PDF)

Go To PDF Page Download Datasheet
LM21215A Datasheet PDF - Texas Instruments

Part # LM21215A
Download  LM21215A Click to download

File Size   1085.83 Kbytes
Page   41 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM21215A 2.95-V to 5.5-V,15-A, Voltage-Mode Synchronous Buck Converter With Frequency Synchronization

LM21215A Datasheet (HTML) - Texas Instruments


LM21215A Product details

1 Features
1• High-Efficiency Synchronous DC/DC Converter
– Input Voltage Range of 2.95 V to 5.5 V
– Adjustable Output Voltage From 0.6 V to VIN
– Output Current as High as 15 A
• Frequency Synchronization 300 kHz to 1.5 MHz
• Integrated 7-mΩ PMOS Buck Switch Supports
100% Duty Cycle for Low Dropout Voltage
• Integrated 4.3-mΩ NMOS Synchronous Rectifier
Eliminates Schottky Diode
• Accurate ±1% Internal Voltage Reference
• Automatic Diode Emulation Mode for Improved
Efficiency at Light Loads
• Monotonic Pre-Biased Startup
• Internal 0.5-ms or Externally Adjustable Soft Start
• Output Voltage Tracking Capability
• Ultra-Fast Line and Load Transient Response
– Voltage-Mode PWM Control
– Wide-Bandwidth Voltage Loop Error Amplifier
• Precision Enable with Hysteresis
• Integrated OVP, UVP, OCP, and UVLO
• Open-Drain Power Good Indicator
• Thermal Shutdown Protection With Hysteresis
• Thermally-Enhanced HTSSOP-20 Package
• Create a custom design using the LM21215A with
the WEBENCH® Power Designer

2 Applications
• Telecommunications Infrastructure
• DSP and FPGA Core Voltage Supplies
• High Efficiency POL Conversion
• Embedded Computing, Servers and Storage

3 Description
The LM21215A is a synchronous buck DC-DC
converter that delivers up to 15 A of output current at
output voltages as low as 0.6 V. Operating over an
input voltage range of 2.95 V to 5.5 V with ultra-high
efficiency, the LM21215A suits a wide variety of low
voltage systems. The voltage-mode control loop with
high gain-bandwidth error amplifier provides high
noise immunity, narrow duty cycle capability and is
easily compensated for stable operation with any type
of output capacitor, providing maximum flexibility and
ease of use.
The LM21215A features internal overvoltage
protection (OVP) and cycle-by-cycle overcurrent
protection (OCP) for increased system reliability. A
precision enable pin and integrated UVLO allow turnon
of the device to be tightly controlled and
sequenced. Startup inrush currents are limited by an
internally-fixed or externally-adjustable soft-start
circuit. An integrated open-drain PGOOD indicator
provides fault reporting and supply sequencing.
Other features include auxiliary voltage rail tracking,
monotonic startup into pre-biased loads, and
switching frequency synchronization to an external
clock signal between 300 kHz and 1.5 MHz for beatfrequency
sensitive and multi-regulator applications.
The LM21215A is offered in a thermally-enhanced
20-pin HTSSOP package with an exposed pad that is
soldered to the PCB to achieve a very low junction-toboard
thermal impedance.




Similar Part No. - LM21215A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
1Mb / 38P
15-A Ultra High-Efficiency Synchronous Buck Converter
LM21215AMH-1/NOPB TI1-LM21215AMH-1/NOPB Datasheet
1Mb / 38P
15-A Ultra High-Efficiency Synchronous Buck Converter
LM21215AMHE-1 TI1-LM21215AMHE-1 Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
More results


Similar Description - LM21215A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
LM21215A TI-LM21215A_15 Datasheet
1Mb / 32P
LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS544C25 TI1-TPS544C25 Datasheet
2Mb / 100P
4.5-V to 18-V, 20-A and 30-A SWIFT Synchronous Buck Converters with PMBus and Frequency Synchronization
TPS54388C-Q1 TI1-TPS54388C-Q1 Datasheet
1Mb / 41P
TPS54388C-Q1 Automotive 2.95-V to 6-V, 3-A , 2-MHz Synchronous Buck Converter
TPS57112C-Q1 TI1-TPS57112C-Q1 Datasheet
1Mb / 42P
TPS57112C-Q1 Automotive 2.95-V to 6-V, 2-A, 2-MHz Synchronous Buck Converter
TPS57114C-Q1 TI1-TPS57114C-Q1 Datasheet
1Mb / 40P
TPS57114C-Q1 Automotive 2.95-V to 6-V, 4-A 2-MHz Synchronous Buck Converter
TPS54618C-Q1 TI-TPS54618C-Q1 Datasheet
2Mb / 42P
TPS54618C-Q1 Automotive 2.95-V to 6-V, 6-A, Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com