Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME49726 Datasheet (PDF) - Texas Instruments

LME49726 Datasheet PDF - Texas Instruments
Part # LME49726
Download  LME49726 Download
File Size   1230.54 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49726 High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier

LME49726 Datasheet (PDF)

Go To PDF Page Download Datasheet
LME49726 Datasheet PDF - Texas Instruments

Part # LME49726
Download  LME49726 Click to download

File Size   1230.54 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LME49726 High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier

LME49726 Datasheet (HTML) - Texas Instruments


LME49726 Product details

1FEATURES
2• Rail-to-Rail Output
• Easily Drives 2kΩ Loads to within 4mV of Each
Power Supply Voltage Rail
• Optimized for Superior Audio Signal Fidelity
• Output Short Circuit Protection
• High Output Drive (>300mA)
• Available in VSSOP Exposed-DAP Package

KEY SPECIFICATIONS
• Power Supply Voltage Range: 2.5 to 5.5 V to•
Quiescent Current per Amplifier at 5V: 0.7
mA (Typ)
• THD+N, AV = 1, fIN = 1kHz, RL = 10kΩ:
– (VOUT = 3.5VP-P, VDD = 5.0V): 0.00008 % (Typ)
– (V OUT = 1.5VP-P, VDD = 2.5V): 0.00002 % (Typ)
• Equivalent Input Noise (f = 10k): 8.3 nV/√Hz
(Typ)
• Slew Rate: ±3.7 V/μs (Typ)
• Gain Bandwidth Product: 6.25 MHz (Typ)
• Open Loop Gain (RL = 10kΩ): 120 dB (Typ)
• Input Bias Current: 0.2 pA (Typ)
• Input Offset Voltage: 0.5 mV (Typ)
• PSRR (DC): 104 dB (Typ)

APPLICATIONS
• Portable Audio Amplification
• Preamplifiers and Multimedia
• Equalization and Crossover Networks
• Line Drivers and Receivers
• Active Filters
• DAC I–V Converter Gain Stage
• ADC Front-End Signal Conditioning

DESCRIPTION
The LME49726 is a low distortion, low noise rail-to•
rail output audio operational amplifier optimized and
fully specified for high performance, high fidelity
applications. The LME49726 delivers superior audio
signal amplification for outstanding audio
performance. The LME49726 has a very low THD+N
to easily satisfy demanding audio applications. To
ensure that the most challenging loads are driven
without compromise, the LME49726 provides output
current greater than 300mA at 5V. Further, dynamic
range is maximized by an output that drives 2kΩ
loads to within 4mV of either power supply voltage.
The LME49726 has a supply range of 2.5V to 5.5V.
Over this supply range the LME49726’s input circuitry
maintains excellent common-mode and power supply
rejection, as well as maintaining its low input bias
current. The LME49726 is unity gain stable.




Similar Part No. - LME49726

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Texas Instruments
LME49726 TI1-LME49726 Datasheet
1Mb / 26P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49726MY NSC-LME49726MY Datasheet
547Kb / 22P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Texas Instruments
LME49726MY/NOPB TI1-LME49726MY/NOPB Datasheet
1Mb / 26P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
National Semiconductor ...
LME49726MYX NSC-LME49726MYX Datasheet
547Kb / 22P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
More results


Similar Description - LME49726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221 TI-THS4221 Datasheet
727Kb / 30P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS921 STMICROELECTRONICS-TS921_05 Datasheet
371Kb / 14P
Rail-to-Rail High Output Current Single Operational Amplifier
Nov-2005
TS924 STMICROELECTRONICS-TS924_08 Datasheet
322Kb / 14P
Rail-to-rail high output current quad operational amplifier
11-Mar-2008
logo
National Semiconductor ...
LME49726 NSC-LME49726 Datasheet
547Kb / 22P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LME49726 TI1-LME49726 Datasheet
1Mb / 26P
High Current, Low Distortion, Rail-to-Rail Output Audio Operational Amplifier
logo
Nisshinbo Micro Devices...
NJM8830 NISSHINBO-NJM8830 Datasheet
921Kb / 19P
Ultralow Distortion, Ultralow Noise, Rail-to-Rail Output Dual Audio Operational Amplifier
May 20, 2022 Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com