Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6442IN/NOPB.B Datasheet (PDF) - Texas Instruments

LMC6442IN/NOPB.B Datasheet PDF - Texas Instruments
Part # LMC6442IN/NOPB.B
Download  LMC6442IN/NOPB.B Download
File Size   1134.39 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier

LMC6442IN/NOPB.B Datasheet (PDF)

Go To PDF Page Download Datasheet
LMC6442IN/NOPB.B Datasheet PDF - Texas Instruments

Part # LMC6442IN/NOPB.B
Download  LMC6442IN/NOPB.B Click to download

File Size   1134.39 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier

LMC6442IN/NOPB.B Datasheet (HTML) - Texas Instruments


LMC6442IN/NOPB.B Product details

1FEATURES
2• (Typical, VS = 2.2V)
• Output Swing to Within 30 mV of Supply Rail
• High Voltage Gain 103 dB
• Gain Bandwidth Product 9.5 KHz
• Ensured for: 2.2V, 5V, 10V
• Low Supply Current 0.95 μA/Amplifier
• Input Voltage Range −0.3V to V+ -0.9V
• 2.1 μW/Amplifier Power Consumption
• Stable for AV ≥ +2 or AV ≤ −1

APPLICATIONS
• Portable Instruments
• Smoke/Gas/CO/Fire Detectors
• Pagers/Cell Phones end•
Instrumentation
• Thermostats
• Occupancy Sensors
• Cameras
• Active Badges

DESCRIPTION
The LMC6442 is ideal for battery powered systems,
where very low supply current (less than one
microamp per amplifier) and Rail-to-Rail output swing
is required. It is characterized for 2.2V to 10V
operation, and at 2.2V supply, the LMC6442 is ideal
for single (Li-Ion) or two cell (NiCad or alkaline) battery systems.
The LMC6442 is designed for battery powered
systems that require long service life through low
supply current, such as smoke and gas detectors,
and pager or personal communications systems.
Operation from single supply is enhanced by the wide
common mode input voltage range which includes the
ground (or negative supply) for ground sensing
applications. Very low (5 fA, typical) input bias current
and near constant supply current over supply voltage
enhance the LMC6442's performance near the end•
of-life battery voltage.
Designed for closed loop gains of greater than plus
two (or minus one), the amplifier has typically 9.5
KHz GBWP (Gain Bandwidth Product). Unity gain can
be used with a simple compensation circuit, which
also allows capacitive loads of up to 300 pF to be
driven, as described in the Application Information
section.




Similar Part No. - LMC6442IN/NOPB.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6442IN/NOPB TI1-LMC6442IN/NOPB Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
More results


Similar Description - LMC6442IN/NOPB.B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6442 NSC-LMC6442 Datasheet
1,011Kb / 16P
Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJU7036 NJRC-NJU7036 Datasheet
1Mb / 16P
High Output Current, Single Supply, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
May 14, 2009
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMC6442 NSC-LMC6442_14 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
LMC6442 TI1-LMC6442 Datasheet
1Mb / 24P
LMC6442 Dual Micropower Rail-to-Rail Output Single Supply Operational Amplifier
logo
New Japan Radio
NJM8204 NJRC-NJM8204 Datasheet
696Kb / 15P
Single Supply, Rail-to-Rail Output Quad Operational Amplifier
Ver.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com