Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP2021MAX/NOPB Datasheet (PDF) - Texas Instruments

LMP2021MAX/NOPB Datasheet PDF - Texas Instruments
Part # LMP2021MAX/NOPB
Download  LMP2021MAX/NOPB Download
File Size   1188.59 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers

LMP2021MAX/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP2021MAX/NOPB Datasheet PDF - Texas Instruments

Part # LMP2021MAX/NOPB
Download  LMP2021MAX/NOPB Click to download

File Size   1188.59 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers

LMP2021MAX/NOPB Datasheet (HTML) - Texas Instruments


LMP2021MAX/NOPB Product details

1 Features
1(Typical Values, TA = 25°C, VS = 5 V)
• Input Offset Voltage (Typical) −0.4 μV
• Input Offset Voltage (Max) ±5 μV
• Input Offset Voltage Drift (Typical) –0.004 μV/°C
• Input Offset Voltage Drift (Max) ±0.02 μV/°C
• Input Voltage Noise, AV = 1000 11 nV/√Hz
• Open Loop Gain 160 dB
• CMRR 139 dB
• PSRR 130 dB
• Supply Voltage Range 2.2 V to 5.5 V
• Supply Current (per Amplifier) 1.1 mA
• Input Bias Current ±25 pA
• GBW 5 MHz
• Slew Rate 2.6 V/μs
• Operating Temperature Range −40°C to 125°C
• 5-Pin SOT-23, 8-Pin VSSOP and 8-Pin SOIC
Packages

2 Applications
• Precision Instrumentation Amplifiers
• Battery Powered Instrumentation
• Thermocouple Amplifiers
• Bridge Amplifiers

3 Description
The LMP2021 and LMP2022 are single and dual
precision operational amplifiers offering ultra low input
offset voltage, near zero input offset voltage drift, very
low input voltage noise and very high open loop gain.
They are part of the LMP™ precision family and are
ideal for instrumentation and sensor interfaces.
The LMP202x has only 0.004 μV/°C of input offset
voltage drift, and 0.4 μV of input offset voltage. These
attributes provide great precision in high accuracy
applications.
The proprietary continuous auto zero correction
circuitry ensures impressive CMRR and PSRR,
removes the 1/f noise component, and eliminates the
need for calibration in many circuits.
With only 260 nVPP (0.1 Hz to 10 Hz) of input voltage
noise and no 1/f noise component, the LMP202x are
suitable for low frequency applications such as
industrial precision weigh scales. The extremely high
open loop gain of 160 dB drastically reduces gain
error in high gain applications. With ultra precision
DC specifications and very low noise, the LMP202x
are ideal for position sensors, bridge sensors,
pressure sensors, medical equipment and other high
accuracy applications with very low error budgets.
The LMP2021 is offered in 5-Pin SOT-23 and 8-Pin
SOIC packages. The LMP2022 is offered in 8-Pin
VSSOP and 8-Pin SOIC packages.




Similar Part No. - LMP2021MAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021MAX/NOPB TI1-LMP2021MAX/NOPB Datasheet
1Mb / 37P
Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results


Similar Description - LMP2021MAX/NOPB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
Low Power Zero-Drift Operational Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
Zero Drift operational amplifiers
logo
Texas Instruments
LMP2021MA TI-LMP2021MA Datasheet
1Mb / 31P
LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021_14 Datasheet
1Mb / 31P
LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com