Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP7718MME/NOPB.A Datasheet (PDF) - Texas Instruments

LMP7718MME/NOPB.A Datasheet PDF - Texas Instruments
Part # LMP7718MME/NOPB.A
Download  LMP7718MME/NOPB.A Download
File Size   1153.46 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier

LMP7718MME/NOPB.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMP7718MME/NOPB.A Datasheet PDF - Texas Instruments

Part # LMP7718MME/NOPB.A
Download  LMP7718MME/NOPB.A Click to download

File Size   1153.46 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier

LMP7718MME/NOPB.A Datasheet (HTML) - Texas Instruments


LMP7718MME/NOPB.A Product details

1FEATURES
23• (Typical 5V Supply, Unless Otherwise Noted)
• Input Offset Voltage: ±150 μV (max)
• Input Referred Voltage Noise: 5.8 nV/√Hz
• Input Bias Current: 100 fA
• Gain Bandwidth Product: 88 MHz
• Supply Voltage Range: 1.8V to 5.5V
• Supply Current Per Channel
– LMP7717: 1.15 mA
– LMP7718: 1.30 mA
• Rail-to-Rail Output Swing
– @ 10 kΩ Load: 25 mV from Rail
– @ 2 kΩ Load: 45 mV from Rail
• Ensured 2.5V and 5.0V Performance
• Total Harmonic Distortion: 0.04% @1 kHz,
600Ω
• Temperature Range: −40°C to 125°C

APPLICATIONS
• ADC Interface
• Photodiode Amplifiers
• Active Filters and Buffers
• Low Noise Signal Processing
• Medical Instrumentation
• Sensor Interface Applications

DESCRIPTION
The LMP7717 (single) and the LMP7718 (dual) low
noise, CMOS input operational amplifiers offer a low
input voltage noise density of 5.8 nV/√Hz while
consuming only 1.15 mA (LMP7717) of quiescent
current. The LMP7717/LMP7718 are stable at a gain
of 10 and have a gain bandwidth (GBW) product of 88 MHz. The LMP7717/LMP7718 have a supply
voltage range of 1.8V to 5.5V and can operate from a
single supply. The LMP7717/LMP7718 each feature a
rail-to-rail output stage. Both amplifiers are part of the
LMP™ precision amplifier family and are ideal for a
variety of instrumentation applications.
The LMP7717 family provides optimal performance in
low voltage and low noise systems. A CMOS input
stage, with typical input bias currents in the range of
a few femto-Amperes, and an input common mode
voltage range, which includes ground, make the
LMP7717/LMP7718 ideal for low power sensor
applications where high speeds are needed.
The LMP7717/LMP7718 are manufactured using TI’s
advanced VIP50 process. The LMP7717 is offered in
either a 5-Pin SOT-23 or an 8-Pin SOIC package.
The LMP7718 is offered in either the 8-Pin SOIC or
the 8-Pin VSSOP.




Similar Part No. - LMP7718MME/NOPB.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP7718MME/NOPB TI1-LMP7718MME/NOPB Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
More results


Similar Description - LMP7718MME/NOPB.A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 NSC-LMP7717 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
SM73302 TI1-SM73302 Datasheet
1Mb / 24P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
SM73302 TI-SM73302_15 Datasheet
1Mb / 31P
SM73302 88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com