Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7516 Datasheet (PDF) - TEKTRONIX, INC.

P7516 Datasheet PDF - TEKTRONIX, INC.
Part # P7516
Download  P7516 Download
File Size   701.21 Kbytes
Page   12 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description TriMode™ Probe Family

P7516 Datasheet (PDF)

Go To PDF Page Download Datasheet
P7516 Datasheet PDF - TEKTRONIX, INC.

Part # P7516
Download  P7516 Click to download

File Size   701.21 Kbytes
Page   12 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description TriMode™ Probe Family

P7516 Datasheet (HTML) - TEKTRONIX, INC.


P7516 Product details

Key features
TriMode™ Probe – One setup, three measurements without adjusting
probe tip connections
Differential
Single ended
Common mode (Requires only one probe vs. conventional probing
techniques)
Signal fidelity
25 GHz P7520A (with P75PST tip)
20 GHz P7520A
16 GHz P7516
13 GHz P7513A
8 GHz P7508
6 GHz P7506
4 GHz P7504
Versatile connectivity – solder down, handheld, fixtured
Variety of solder-down options
TriMode™ solder tips
Small form factor for high-density probing
Bandwidth choices from 4 to 25 GHz
1.5 m extension cable for high-temperature probing
Quickly and reliably connect to multiple probe tips
Precision Differential Probing Module – Optional handheld and
fixtured probing
Small precision-tapered tips, an articulated joint for
compliance, and variable tip spacing
TekConnect® Interface – TekConnect scope/probe control and usability
Direct control from probe compensation box or from scope menu
Automated measurement control through the TekConnect®
Interface to connect to Tektronix real-time oscilloscopes
View TriMode/attenuation settings on probe compensation box
from top or end panel
Applications
Examples include, but are not limited to:
PCI Express, Serial ATA, DDR2/3/4, USB




Similar Part No. - P7516

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
P7516 TEKTRONIX-P7516 Datasheet
686Kb / 12P
TriMode??Probe Family
More results


Similar Description - P7516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
List of Unclassifed Man...
P7520 ETC2-P7520 Datasheet
1Mb / 8P
TriMode Probe Family
logo
TDK Electronics
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
Probe assemblies
logo
TEKTRONIX, INC.
P7500 TEKTRONIX-P7500 Datasheet
686Kb / 12P
TriMode??Probe Family
P7600 TEKTRONIX-P7600 Datasheet
516Kb / 10P
P7600 Series TriMode??Probes
P7700 TEKTRONIX-P7700 Datasheet
912Kb / 12P
P7700 Series TriMode Probes
logo
Fluke Corporation
PRO3000F60-KIT FLUKE-PRO3000F60-KIT Datasheet
188Kb / 6P
Pro3000??Tone and Probe Family
logo
STMicroelectronics
SPMB250-A1 STMICROELECTRONICS-SPMB250-A1 Datasheet
654Kb / 18P
MOTIONBEE™ family acceleration sensor
03-Nov-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com