Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH10-P Datasheet (PDF) - Extech Instruments Corporation.

PH10-P Datasheet PDF - Extech Instruments Corporation.
Part # PH10-P
Download  PH10-P Download
File Size   404.8 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description PH90 Waterproof pH Meter

PH10-P Datasheet (PDF)

Go To PDF Page Download Datasheet
PH10-P Datasheet PDF - Extech Instruments Corporation.

Part # PH10-P
Download  PH10-P Click to download

File Size   404.8 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description PH90 Waterproof pH Meter

PH10-P Datasheet (HTML) - Extech Instruments Corporation.


PH10-P Product details

Features
• Rugged replaceable flat surface pH electrode for quick
on-the-spot pH measurements
• Simultaneous display of pH and Temperature
• 2 or 3 point calibration automatically recognizes buffer
solutions (order pH buffers separately)
• PTS (percent of slope) tells you when it’s time to
replace your electrode (below 70% or above 130%)
• Automatic Temperature Compensation
• Data Hold, Min/Max, Auto Power Off, and low battery
indication
• Waterproof design (IP57) floats in water and protects
the meter in wet environment
• Complete with flat surface pH electrode, protective
sensor cap, and two 3V CR-2032 button batteries
(pH buffers are required for calibration - sold separately)

APPLICATIONS:
- Agriculture
- Anti-freeze recycling
- Aquarium
- Boiler
- Chemical industry
- Cooling tower
- Drinking water
- Fish farming
- Food industry
- Garden
- Hydroponic
- Laboratory usage
- Plating industry
- Swimming pool & Spa
- Water treatment




Similar Part No. - PH10-P

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PH10-10F PANDUIT-PH10-10F Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
PH10-8F PANDUIT-PH10-8F Datasheet
95Kb / 1P
HEAT SHRINK INSULATED FORK TERMINALS
logo
Coherent Corp
PH10-SMARTCUT-PLUS COHERENT-PH10-SMARTCUT-PLUS Datasheet
312Kb / 3P
High-Precision Laser Processing Head for High Speed Drilling and Cutting
PH10-SMARTWELD-PLUS COHERENT-PH10-SMARTWELD-PLUS Datasheet
274Kb / 3P
High-Precision Laser Processing Head for Micro Welding Applications
More results


Similar Description - PH10-P

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
PH50 EXTECH-PH50 Datasheet
113Kb / 1P
pH Waterproof Meter
PH220A EXTECH-PH220A Datasheet
116Kb / 9P
Waterproof Palm pH Meter
PH50 EXTECH-PH50_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH60 EXTECH-PH60_15 Datasheet
208Kb / 1P
Waterproof pH Pens
PH100 EXTECH-PH100_15 Datasheet
185Kb / 1P
Waterproof ExStik짰 pH Meter
PH110 EXTECH-PH110 Datasheet
200Kb / 1P
ExStik짰 Waterproof Refillable pH Meter
PH220-C EXTECH-PH220-C_15 Datasheet
242Kb / 1P
Waterproof Palm pH??Meter
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com