Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV722IDR.A Datasheet (PDF) - Texas Instruments

LMV722IDR.A Datasheet PDF - Texas Instruments
Part # LMV722IDR.A
Download  LMV722IDR.A Download
File Size   1081.78 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS

LMV722IDR.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV722IDR.A Datasheet PDF - Texas Instruments

Part # LMV722IDR.A
Download  LMV722IDR.A Click to download

File Size   1081.78 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS

LMV722IDR.A Datasheet (HTML) - Texas Instruments


LMV722IDR.A Product details

1FEATURES
• Power-Supply Voltage Range: 2.2 V to 5.5 V
• Low Supply Current: 930 mA/Amplifier at 2.2 V
• High Unity-Gain Bandwidth: 10 MHz
• Rail-to-Rail Output Swing
– 600-Ω Load: 120 mV From Either Rail at
2.2 V
– 2-kΩ Load: 50 mV From Either Rail at 2.2 V
• Input Common-Mode Voltage Range Includes
Ground
• Input Voltage Noise: 9 nV/√Hz at f = 1 kHz

APPLICATIONS
• Cellular and Cordless Phones
• Active Filter and Buffers
• Laptops and PDAs
• Battery Powered Electronics

DESCRIPTION/ORDERING INFORMATION
The LMV721 (single) and LMV722 (dual) are low-noise low-voltage low-power operational amplifiers that can be
designed into a wide range of applications. The LMV721 and LMV722 have a unity-gain bandwidth of 10 MHz, a
slew rate of 5 V/ms, and a quiescent current of 930 mA/amplifier at 2.2 V.
The LMV721 and LMV722 are designed to provide optimal performance in low-voltage and low-noise systems.
They provide rail-to-rail output swing into heavy loads. The input common-mode voltage range includes ground,
and the maximum input offset voltage are 3.5 mV (over recommended temperature range) for the devices. Their
capacitive load capability is also good at low supply voltages. The operating range is from 2.2 V to 5.5 V.




Similar Part No. - LMV722IDR.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV722IDR TI-LMV722IDR Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Guangdong Youtai Semico...
LMV722IDR UMW-LMV722IDR Datasheet
4Mb / 18P
10MHz, RRIO CMOSOperational Amplifiers
logo
Texas Instruments
LMV722IDRG4 TI-LMV722IDRG4 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
LMV722IDRGR TI-LMV722IDRGR Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
More results


Similar Description - LMV722IDR.A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_06 Datasheet
278Kb / 19P
Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
LMV721 TI-LMV721 Datasheet
684Kb / 21P
10-MHz LOW-NOISE LOW-VOLTAGE LOW-POWER OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
logo
ON Semiconductor
MC33178 ONSEMI-MC33178_10 Datasheet
283Kb / 19P
Low Power, Low Noise Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
LMV722-Q1 TI1-LMV722-Q1 Datasheet
1Mb / 25P
10-MHz Low-Noise, Low-Voltage Operational Amplifier
OPA2325 TI1-OPA2325_19 Datasheet
2Mb / 38P
Precision, 10-MHz, low-noise, low-power, RRIO, CMOS operational amplifiers
OPA2325_1905 TI1-OPA2325_1905 Datasheet
2Mb / 39P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com