Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ22003 Datasheet (PDF) - Texas Instruments

LMZ22003 Datasheet PDF - Texas Instruments
Part # LMZ22003
Download  LMZ22003 Download
File Size   1103.9 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22003 3-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ22003 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ22003 Datasheet PDF - Texas Instruments

Part # LMZ22003
Download  LMZ22003 Click to download

File Size   1103.9 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ22003 3-A SIMPLE SWITCHER® Power Module With 20-V Maximum Input Voltage

LMZ22003 Datasheet (HTML) - Texas Instruments


LMZ22003 Product details

1 Features
1• Integrated Shielded Inductor
• Simple PCB Layout
• Frequency Synchronization Input (650 kHz to 950
kHz)
• Flexible Start-up Sequencing Using External Soft-
Start, Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to 125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fast Transient Response for Powering FPGAs
and ASICs
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With
LMZ23605/LMZ23603/LMZ22005
• Electrical Specifications
– 18-W Maximum Total Output Power
– Up to 3-A Output Current
– Input Voltage Range 6 V to 20 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Tested To EN55022 Class B(1)
– Low Component Count, Only 5 External
Components
– Low Output Voltage Ripple
– Uses PCB as Heat Sink, No Airflow Required

2 Applications
• Point-of-load Conversions from 12-V Input Rail
• Time-Critical Projects
• Space Constrained and High Thermal
Requirement Applications
• Negative Output Voltage Applications
(See AN-2027 SNVA425)

3 Description
The LMZ22003 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC-DC solution capable of driving up to 3-A load. The LMZ22003 is available
in an innovative package that enhances thermal
performance and allows for hand or machine
soldering.
The LMZ22003 can accept an input voltage rail
between 6 V and 20 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V.
The LMZ22003 only requires two external resistors and three external capacitors to complete the power
solution. The LMZ22003 is a reliable and robust
design with the following protection features: thermal
shutdown, programmable input undervoltage lockout, output overvoltage protection, short circuit protection,
output current limit, and this device allows start-up
into a prebiased output. The sync input allows
synchronization over the 650- to 950-kHz switching
frequency range.




Similar Part No. - LMZ22003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22003 NSC-LMZ22003 Datasheet
2Mb / 10P
Evaluation Board to be an easy-to-use platform to evaluate
logo
Texas Instruments
LMZ22003 TI-LMZ22003 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003TZ/NOPB TI-LMZ22003TZ/NOPB Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003TZE/NOPB TI-LMZ22003TZE/NOPB Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003TZX/NOPB TI-LMZ22003TZX/NOPB Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results


Similar Description - LMZ22003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ12010 NSC-LMZ12010 Datasheet
1Mb / 22P
10A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22008 TI-LMZ22008_15 Datasheet
1Mb / 36P
8A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage and Current Sharing
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com