Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ23605 Datasheet (PDF) - Texas Instruments

LMZ23605 Datasheet PDF - Texas Instruments
Part # LMZ23605
Download  LMZ23605 Download
File Size   1145.37 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ23605 5-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage

LMZ23605 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMZ23605 Datasheet PDF - Texas Instruments

Part # LMZ23605
Download  LMZ23605 Click to download

File Size   1145.37 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMZ23605 5-A SIMPLE SWITCHER® Power Module With 36-V Maximum Input Voltage

LMZ23605 Datasheet (HTML) - Texas Instruments


LMZ23605 Product details

1 Features
• Integrated Shielded Inductor
• Simple PCB Layout
• Frequency Synchronization Input (650 kHz to 950
kHz)
• Flexible Start-up Sequencing Using External Soft-
Start, Tracking and Precision Enable
• Protection Against Inrush Currents and Faults
such as Input UVLO and Output Short Circuit
• Junction Temperature Range –40°C to +125°C
• Single Exposed Pad and Standard Pinout for Easy
Mounting and Manufacturing
• Fast Transient Response for Powering FPGAs
and ASICs
• Fully Enabled for WEBENCH® Power Designer
• Pin Compatible With
LMZ22005/LMZ23603/LMZ22003
• Performance Benefits
– High Efficiency Reduces System Heat
Generation
– Tested to EN55022 Class B
– See SNVA473 and Layout for Information
on Device Under Test.
– Vin = 24 V Vo = 3.3 V Io = 5 A
NOTE: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007.
– Low Component Count, only 5 External
Components
– Low Output Voltage Ripple
– Uses PCB as Heat Sink, no Airflow Required
• Electrical Specifications
– 30-W Maximum Total Output Power
– Up to 5-A Output Current
– Input Voltage Range 6 V to 36 V
– Output Voltage Range 0.8 V to 6 V
– Efficiency up to 92%

2 Applications
• Point-of-load Conversions from 12-V and 24-V
Input Rail
• Time-Critical Projects
• Space Constrained / High Thermal Requirement
Applications
• Negative Output Voltage Applications See
SNVA425

3 Description
The LMZ23605 SIMPLE SWITCHER® power module
is an easy-to-use step-down DC – DC solution
capable of driving up to 5-A load. The LMZ23605 is available in an innovative package that enhances
thermal performance and allows for hand or machine
soldering.
The LMZ23605 can accept an input voltage rail
between 6 V and 36 V and can deliver an adjustable
and highly accurate output voltage as low as 0.8 V.
The LMZ23605 only requires two external resistors
and three external capacitors to complete the power
solution. The LMZ23605 is a reliable and robust
design with the following protection features: thermal
shutdown, programmable input undervoltage lockout,
output overvoltage protection, short circuit protection,
output current limit, and the device allows start-up
into a prebiased output. The sync input allows
synchronization over the 650- to 950-kHz switching
frequency range.




Similar Part No. - LMZ23605

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ23605 NSC-LMZ23605 Datasheet
2Mb / 10P
Evaluation Board to be an easy-to-use platform to evaluate
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ23605 TI1-LMZ23605 Datasheet
1Mb / 25P
5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
logo
National Semiconductor ...
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ23605TZ/NOPB TI-LMZ23605TZ/NOPB Datasheet
6Mb / 28P
LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
More results


Similar Description - LMZ23605

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ22005 NSC-LMZ22005 Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 20V Maximum Input Voltage
LMZ23605TZ NSC-LMZ23605TZ Datasheet
1Mb / 22P
5A SIMPLE SWITCHER Power Module with 36V Maximum Input Voltage
logo
Texas Instruments
LMZ23605 TI-LMZ23605 Datasheet
6Mb / 28P
LMZ23605 5A SIMPLE SWITCHER짰 Power Module with 36V Maximum Input Voltage
LMZ10504 TI-LMZ10504_15 Datasheet
1Mb / 35P
4A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ10505 TI-LMZ10505_15 Datasheet
1Mb / 36P
5A SIMPLE SWITCHER Power Module With 5.5-V Maximum Input Voltage
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ22003 TI-LMZ22003_15 Datasheet
1Mb / 33P
3A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23605 TI-LMZ23605_15 Datasheet
1Mb / 33P
LMZ23605 5-A SIMPLE SWITCHER짰 Power Module With 36-V Maximum Input Voltage
LMZ22005 TI-LMZ22005_15 Datasheet
1Mb / 34P
5A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23610 TI-LMZ23610_15 Datasheet
1Mb / 37P
10A SIMPLE SWITCHER Power Module With 36-V Maximum Input Voltage and Current Sharing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com