Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet (PDF) - Texas Instruments

LPV531 Datasheet PDF - Texas Instruments
Part # LPV531
Download  LPV531 Download
File Size   1156.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier

LPV531 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV531 Datasheet PDF - Texas Instruments

Part # LPV531
Download  LPV531 Click to download

File Size   1156.72 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LPV531 Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier

LPV531 Datasheet (HTML) - Texas Instruments


LPV531 Product details

1FEATURES
2• (Typical 5V Supply, unless otherwise Noted.)
• Supply Voltage 2.7V to 5.5V
• Dynamic Power Mode Setting
• Continuously Programmable Supply Current
– Range 5 μA to 425 μA
• Continuously Programmable Bandwidth
– Range 73 kHz to 4.6 MHz
• Input Common Mode Voltage Range −0.3V to
3.8V
• CMRR 95 dB
• Rail-to-Rail Output Voltage Swing
• Input Offset Voltage 1 mV

APPLICATIONS
• AC Coupled Circuits
• Portable Instrumentation
• Active Filters

DESCRIPTION
The LPV531 is an extremely versatile operational
amplifier. A single external resistor gives the system
designer the ability to define the quiescent current,
gain bandwidth product and output short circuit
current. This innovative feature gives the system
designer a method to dynamically switch the power
level to optimize the performance of the op amp and
meet the system design requirements.
The LPV531 can be tailored to a wide variety of
applications. It offers the system designer the ability
to dynamically trade off supply current for bandwidth
by adjusting the current drawn from the ISEL pin using
a DAC or switching in different value resistors in
series with the ISEL pin. The LPV531 is capable of
operating from 73 kHz, consuming only 5 μA, to as
fast as 4.6 MHz, consuming only 425 μA. The input
offset voltage is relatively independent and therefore
is not significantly affected by the chosen power level.
Utilizing a CMOS input stage, the LPV531 achieves
an input bias current of 50 fA and a common mode
input voltage which extends from the negative rail to
within 1.2V of the positive supply. The LPV531's railto-
rail class AB output stage enables this op amp to
offer maximum dynamic range at low supply voltage.
Offered in the space saving 6-pin SOT package, the
LPV531 is ideal for use in handheld electronics and
portable applications. The LPV531 is manufactured
using TI’s advanced VIP50 process.
A fixed supply current/gain bandwidth is available
upon request.




Similar Part No. - LPV531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LPV531 TI-LPV531 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LPV531MK NSC-LPV531MK Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LPV531MK/NOPB TI-LPV531MK/NOPB Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
National Semiconductor ...
LPV531MKX NSC-LPV531MKX Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
More results


Similar Description - LPV531

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6462 NSC-LMC6462 Datasheet
648Kb / 18P
Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPV531 NSC-LPV531 Datasheet
953Kb / 17P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
ADA4092-4 AD-ADA4092-4 Datasheet
683Kb / 20P
Micropower, OVP, Rail-to-Rail Input/Output Operational Amplifier
REV. A
AD8546 AD-AD8546 Datasheet
862Kb / 24P
18 V, Micropower, CMOS, Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
Texas Instruments
LMC6464QML TI1-LMC6464QML Datasheet
1Mb / 22P
Quad Micropower, Rail-to-Rail Input and Output CMOS Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LPV531 TI-LPV531_15 Datasheet
970Kb / 27P
Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
LPV511 TI1-LPV511 Datasheet
985Kb / 21P
Micropower, Rail-to-Rail Input and Output Operational Amplifier
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com