Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX211IDB Datasheet (PDF) - Texas Instruments

MAX211IDB Datasheet PDF - Texas Instruments
Part # MAX211IDB
Download  MAX211IDB Download
File Size   1229.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX211 5V Multichannel RS-232 Line Driver and Receiver with ±15kV ESD Protection

MAX211IDB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX211IDB Datasheet PDF - Texas Instruments

Part # MAX211IDB
Download  MAX211IDB Click to download

File Size   1229.44 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MAX211 5V Multichannel RS-232 Line Driver and Receiver with ±15kV ESD Protection

MAX211IDB Datasheet (HTML) - Texas Instruments


MAX211IDB Product details

1 Features
• RS-232 bus-pin ESD protection exceeds ±15kv
using human-body model (HBM)
• Meets or exceeds the requirements of TIA/
EIA-232-F and ITU v.28 standards
• Operates at 5V V CC supply
• Four drivers and five receivers
• Operates up to 120kbit/s
• Low supply current in shutdown mode: 5μA typical
• External capacitors: 4 × 0.1μF
• Latch-up performance exceeds 100mA per JESD
78, class II

2 Applications
• Battery-powered systems
• PDAs
• Notebooks
• Laptops
• Palmtop PCs
• Hand-held equipment

3 Description
The MAX211 device consists of four line drivers,
five line receivers, and a dual charge-pump
circuit with ±15kV ESD protection pin to pin
(serial-port connection pins, including GND). The
device meets the requirements of TIA/EIA-232-F
and provides the electrical interface between an
asynchronous communication controller and the
serial-port connector. The charge pump and four small
external capacitors allow operation from a single 5V
supply. The devices operate at data signaling rates up
to 120kbit/s and a maximum of 30V/μs driver output
slew rate.
The MAX211 has both shutdown (SHDN) and enable
control (EN). In shutdown mode, the charge pumps
are turned off, V+ is pulled down to VCC, V− is pulled
to GND, and the transmitter outputs are disabled. This
reduces supply current typically to 1μA. EN is used to
put the receiver outputs into the high-impedance state
to allow wired-OR connection of two RS-232 ports.
It has no effect on the RS-232 drivers or the charge
pumps.




Similar Part No. - MAX211IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX211IDB TI-MAX211IDB Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211IDB TI-MAX211IDB Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211IDB TI-MAX211IDB Datasheet
349Kb / 20P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
MAX211IDBE4 TI-MAX211IDBE4 Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211IDBE4 TI-MAX211IDBE4 Datasheet
349Kb / 20P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEVER
More results


Similar Description - MAX211IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX202 TI-MAX202 Datasheet
321Kb / 14P
5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15KV ESD PROTECTION
MAX208 TI-MAX208 Datasheet
287Kb / 14P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
MAX208 TI-MAX208_06 Datasheet
270Kb / 15P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
MAX211 TI-MAX211_06 Datasheet
289Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH -15-KV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX208 TI1-MAX208_14 Datasheet
777Kb / 16P
MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ESD PROTECTION
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com