Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC-12U Datasheet (PDF) - Sumida Corporation

LC-12U Datasheet PDF - Sumida Corporation
Part # LC-12U
Download  LC-12U Download
File Size   114.14 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer

LC-12U Datasheet (PDF)

Go To PDF Page Download Datasheet
LC-12U Datasheet PDF - Sumida Corporation

Part # LC-12U
Download  LC-12U Click to download

File Size   114.14 Kbytes
Page   1 Pages
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation
Description General Power Transformer

LC-12U Datasheet (HTML) - Sumida Corporation


LC-12U Product details

Product Description
•¢ 13.0mm Max.(L× W), 5.5mm Max. Height.
• In addition to the typical versions of parameters shown here,
   custom designs are available to meet your exact requirements.

Feature
• Magnetically shielded construction.
• Max. Operating frequency 500kHz,
   Max. Operating power 2.8W (500kHz), 1.6W(300kHz), 0.54W(100kHz)
• Ideally used in Portable equipment, Drive for fluorescent display tube.
• RoHS Compliance




Similar Part No. - LC-12U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC-12 ETC1-LC-12 Datasheet
33Kb / 2P
Magnetic Contact
logo
Sumida Corporation
LC-12 SUMIDA-LC-12 Datasheet
92Kb / 1P
General Power Transformer
logo
LETEX TECHNOLOGY CORP.
LC-12 LETEX-LC-12 Datasheet
25Kb / 2P
Magnetic Contact
logo
Delta Electronics, Inc.
LC-1250A2F1 DELTA-LC-1250A2F1 Datasheet
95Kb / 9P
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
LC-1250A2F1H DELTA-LC-1250A2F1H Datasheet
95Kb / 9P
RoHS Compliant 2x5 Small Form Factor Transceiver for Gigabit Ethernet
More results


Similar Description - LC-12U

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLQ7D23 SUMIDA-CLQ7D23_06 Datasheet
120Kb / 1P
General Power Transformer
CM-5N SUMIDA-CM-5N Datasheet
35Kb / 2P
General Power Transformer
CMD-8N SUMIDA-CMD-8N Datasheet
149Kb / 2P
General Power Transformer
CLS74 SUMIDA-CLS74 Datasheet
28Kb / 1P
General Power Transformer
CLQ72B SUMIDA-CLQ72B_06 Datasheet
124Kb / 1P
General Power Transformer
PQ2019 SUMIDA-PQ2019 Datasheet
51Kb / 1P
General Power Transformer
MC-100C SUMIDA-MC-100C Datasheet
112Kb / 1P
General Power Transformer
ERH3530 SUMIDA-ERH3530 Datasheet
148Kb / 1P
General Power Transformer
ER4029 SUMIDA-ER4029 Datasheet
135Kb / 1P
General Power Transformer
CEFD1608 SUMIDA-CEFD1608_10 Datasheet
144Kb / 2P
General Power Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com