Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD105W Datasheet (PDF) - Panasonic Semiconductor

ALD105W Datasheet PDF - Panasonic Semiconductor
Part # ALD105W
Download  ALD105W Download
File Size   96.78 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 3A slim power relays

ALD105W Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD105W Datasheet PDF - Panasonic Semiconductor

Part # ALD105W
Download  ALD105W Click to download

File Size   96.78 Kbytes
Page   3 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 3A slim power relays

ALD105W Datasheet (HTML) - Panasonic Semiconductor


ALD105W Product details

FEATURES
1. Slim type: Width 7 mm .276 inch. 20.3(L)×7.0(W)×15.0(H) mm .799(L)×.276(W)×.591(H) inch
2. Perfect for small load switching of home appliances 105 switching operations possible with a 3A 250V AC resistive load.
3. Low operating power Compact size, nominal operating power as low as 200mW.
4. High shock resistance The relay withstands a functional shock resistance of 300m/s2 [approx. 30 G more]
5. High insulation resistance
• Creepage distance and clearances between contact and coil: Min. 6 mm .236 inch
• Surge withstand voltage between contact and coil: 10,000 V
6. UL, CSA, VDE, TÜV approved.

TYPICAL APPLICATIONS
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters




Similar Part No. - ALD105W

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALD105 NAIS-ALD105 Datasheet
49Kb / 3P
1 Form A Slim Power Relay
More results


Similar Description - ALD105W

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JR1A-TM-AC115 NAIS-JR1A-TM-AC115 Datasheet
106Kb / 4P
SLIM TYPE POWER RELAYS
logo
Panasonic Semiconductor
APF30224 PANASONIC-APF30224 Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
Compliant with European standards 1a/1c 6A Slim power relays
logo
List of Unclassifed Man...
RJ1S-CL-D24 ETC2-RJ1S-CL-D24 Datasheet
722Kb / 10P
RJ Series Slim Power Relays
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
Transistor drive 2c/4c 5A slim power relays
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com