Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZXXVAL Datasheet (PDF) - Texas Instruments

MMBZXXVAL Datasheet PDF - Texas Instruments
Part # MMBZXXVAL
Download  MMBZXXVAL Download
File Size   700.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MMBZxxVAL Dual Channel Zener Diode

MMBZXXVAL Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZXXVAL Datasheet PDF - Texas Instruments

Part # MMBZXXVAL
Download  MMBZXXVAL Click to download

File Size   700.56 Kbytes
Page   14 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MMBZxxVAL Dual Channel Zener Diode

MMBZXXVAL Datasheet (HTML) - Texas Instruments


MMBZXXVAL Product details

1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air-gap discharge
• IEC 61643-321 surge protection:
– Up to 1.7A (10/1000μs)
• Low leakage current: 50nA (max)
• Temperature range: –55°C to +150°C
• Leaded packages used for automatic optical
inspection (AOI)

2 Applications
• Overvoltage protectection
• CAN/LIN transient suppression
• Dual channel unidirectional or single channel
bidirectional

3 Description
The MMBZxxVAL is a dual channel unidirectional or
single channel bidirectional ESD in common anode
configuration. The device's relatively low capacitance
and low leakage features enable use in higher speed
applications.
The MMBZxxVAL is packaged in the SOT-23,
providing two channels of robust transient protection
in one space-efficient form factor.




Similar Part No. - MMBZXXVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBZXXVAL TI2-MMBZXXVAL Datasheet
700Kb / 14P
MMBZxxVAL Dual Channel Zener Diode
JUNE 2025
MMBZXXVAL-Q1 TI2-MMBZXXVAL-Q1 Datasheet
711Kb / 14P
MMBZxxVAL-Q1 Dual Channel Zener Diode for Automotive Applications
JUNE 2025
MMBZXXVAL-Q1 TI2-MMBZXXVAL-Q1 Datasheet
711Kb / 14P
MMBZxxVAL-Q1 Dual Channel Zener Diode for Automotive Applications
JUNE 2025
logo
ON Semiconductor
MMBZXXVALT1G ONSEMI-MMBZXXVALT1G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
MMBZXXVALT3G ONSEMI-MMBZXXVALT3G Datasheet
148Kb / 8P
Zener Diodes, 24 and 40 Watt Peak Power
August, 2016 ??Rev. 20
More results


Similar Description - MMBZXXVAL

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4 Datasheet
117Kb / 2P
DUAL ZENER DIODE DUAL ZENER DIODE 350mW
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
DZ23C2V7 TSC-DZ23C2V7 Datasheet
120Kb / 2P
Dual Surface Mount Zener Diode
logo
NXP Semiconductors
BZB100A NXP-BZB100A Datasheet
61Kb / 10P
Dual back-to-back Zener diode
Rev. 01-28 January 2008
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3 Datasheet
109Kb / 3P
DUAL SURFACE MOUNT ZENER DIODE
DS31220 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
AZ23C2V7 TSC-AZ23C2V7_10 Datasheet
332Kb / 4P
300mW, Dual SMD Zener Diode
AZ23C2V7 TSC-AZ23C2V7_14 Datasheet
169Kb / 4P
Dual SMD Zener Diode
logo
Diodes Incorporated
DZL6V8AXV3 DIODES-DZL6V8AXV3_15 Datasheet
109Kb / 3P
DUAL SURFACE MOUNT ZENER DIODE
Rev erse
GZ23C5V6 DIODES-GZ23C5V6_15 Datasheet
207Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev 5
GZ23C5V6 DIODES-GZ23C5V6 Datasheet
292Kb / 4P
DUAL SURFACE MOUNT ZENER DIODE
Rev. 6 - 4 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com