Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV2421LDT Datasheet (PDF) - Texas Instruments

LMV2421LDT Datasheet PDF - Texas Instruments
Part # LMV2421LDT
Download  LMV2421LDT Download
File Size   1017.05 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs

LMV2421LDT Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV2421LDT Datasheet PDF - Texas Instruments

Part # LMV2421LDT
Download  LMV2421LDT Click to download

File Size   1017.05 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs

LMV2421LDT Datasheet (HTML) - Texas Instruments


LMV2421LDT Product details

1 Features
• 450MHz to 2GHz operation
• 50dB log RF detector
• Integrated ramp filter
• External loop compensation option
• Accurate temperature compensation
• Shutdown mode for power save in RX slot
• GPRS compliant
• Support of InGaP HBT, bipolar technology
• WSON package: 3mm × 3mm

2 Applications
• GSM, GPRS, TDMA, TD-SCDMA mobile phone
• Pulse RF control
• Wireless LAN
• GSM and GPRS power amplifier module
• Transmit module

3 Description
The LMV2421 and LMV242 (LMV242x) are singleoutput
and dual-output power amplifier (PA)
controllers. These devices are intended for use within
an RF transmit power control loop for RF PA control,
and in GSM and GPRS mobile phones. The LMV242x
support all single-supply PAs, including InGaP, HBT,
and bipolar power amplifiers. The devices operate
with a single supply from 2.6V to 5.5V.
Included in the LMV2421 PA controller are a log
RF detector, a ramp filter, and an output driver that
functions as an error amplifier.
The dual-output LMV242 includes two selectable
output drivers for control of two different PAs. The
LMV2421 input interface consists of two analog
and one digital inputs; two digital inputs for the
LMV242. The analog inputs are the RF input and
the ramp voltage input. The digital inputs perform
the function of Shutdown/Transmit Enable and Band
Select (LMV242 only). The LMV242x is active when
TX_EN = high. When TX_EN = low, the device is
in a low-power-consumption shutdown mode. During
shutdown, the outputs are pulled low to the minimum
output voltage. The Band Select (LMV242 only)
function enables either of two outputs, namely OUT1
when BS = high, or output OUT2 when BS = low.
The output that is not enabled is pulled low to the
minimum output voltage. Individual PA characteristics
are accommodated by a user-selectable external RC
combination.
The LMV242x are offered in a 10-lead WSON
package. The LMV242x are an excellent choice for
small-footprint, PA modules systems.




Similar Part No. - LMV2421LDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242 TI-LMV242 Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV242 TI2-LMV242 Datasheet
607Kb / 24P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
REVISED MAY 2013
logo
National Semiconductor ...
LMV242LD NSC-LMV242LD Datasheet
560Kb / 16P
Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Texas Instruments
LMV242LD/NOPB TI-LMV242LD/NOPB Datasheet
1,009Kb / 25P
LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
More results


Similar Description - LMV2421LDT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2205 MAXIM-MAX2205 Datasheet
170Kb / 7P
RF Power Detectors in UCSP
19-2015; Rev 2; 8/02
logo
NXP Semiconductors
BLT11 PHILIPS-BLT11 Datasheet
485Kb / 8P
NPN 2GHz RF POWER TRANSISTOR
1995 Mar 09
logo
Maxim Integrated Produc...
MAX2383 MAXIM-MAX2383 Datasheet
174Kb / 8P
W-CDMA Upconverter and PA Driver with Power Control
Rev 1; 8/03
logo
Gunter Seniconductor Gm...
TFF2207T GSG-TFF2207T Datasheet
114Kb / 4P
2GHz RF Mixer
logo
Maxim Integrated Produc...
MAX2831 MAXIM-MAX2831 Datasheet
804Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 1; 3/10
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2205 MAXIM-MAX2205_06 Datasheet
141Kb / 7P
RF Power Detectors in UCSP
Rev 6; 9/06
MAX2209A MAXIM-MAX2209A Datasheet
1Mb / 7P
RF Power Detector with Shutdown Control
Rev 0; 9/10
logo
Renesas Technology Corp
F159V RENESAS-F159V Datasheet
3Mb / 78P
Dual-Path RF Transmitter IC 450MHz to 2800MHz
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com