Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMB03CGR Datasheet (PDF) - TE Connectivity Ltd

IMB03CGR Datasheet PDF - TE Connectivity Ltd
Part # IMB03CGR
Download  IMB03CGR Download
File Size   2376.24 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AXICOM IM-B RELAY

IMB03CGR Datasheet (PDF)

Go To PDF Page Download Datasheet
IMB03CGR Datasheet PDF - TE Connectivity Ltd

Part # IMB03CGR
Download  IMB03CGR Click to download

File Size   2376.24 Kbytes
Page   6 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description AXICOM IM-B RELAY

IMB03CGR Datasheet (HTML) - TE Connectivity Ltd


IMB03CGR Product details

• Minimum board-space 60mm2
• Slim line 10x6mm (0.39x0.24”) and low profile
5.65mm (0.222”)
• Switching power 60W / 62.5VA (150VA for
IMBxxI)
• Switching voltage 220VDC / 250VAC (400VDC
for IMBxxI)
• Switching current 2A
• Bifurcated or single contacts
• High mechanical shock resistance

APPLICATIONS
• Telecommunication
• Access and transmission equipment
• Optical network terminals
• Modems
• Office and business equipment
• Consumer electronics
• Measurement and test equipment
• Industrial
• Control
• Medical equipment
• HVAC

APPROVALS
• UL 61810-1 (former UL 508) File No. E214025




Similar Part No. - IMB03CGR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
IMB03CGR MACOM-IMB03CGR Datasheet
2Mb / 28P
IM Series Signal Relays
logo
TE Connectivity Ltd
IMB03CGR TEC-IMB03CGR Datasheet
2Mb / 4P
Signal Relays
More results


Similar Description - IMB03CGR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1486937 MACOM-1486937 Datasheet
23Kb / 1P
IM Relay SMT Gull Wings Dimension
IM48GR MACOM-IM48GR Datasheet
236Kb / 6P
IM-Relay
5-1462037-7 MACOM-5-1462037-7 Datasheet
2Mb / 6P
IM Relay
logo
PIC GmbH
MS-313-3 PIC-MS-313-3 Datasheet
158Kb / 2P
Weltkleinster Reedsensor im
MS-328-3 PIC-MS-328-3_14 Datasheet
233Kb / 2P
Standard-Reedsensor im
MS-328-5 PIC-MS-328-5_14 Datasheet
233Kb / 2P
Netzspannungs-Reedsensor im
MS-328-6 PIC-MS-328-6_14 Datasheet
233Kb / 2P
Leistungs-Reedsensor im
MS-332-5 PIC-MS-332-5_14 Datasheet
343Kb / 2P
Netzspannungs-Reedsensor im
MS-332-6 PIC-MS-332-6_14 Datasheet
344Kb / 2P
Leistungs-Reedsensor im
logo
TE Connectivity Ltd
ENG_CD_1462037-1_C2 TEC-ENG_CD_1462037-1_C2 Datasheet
432Kb / 6P
IM-Relay Marking
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com