Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G06-EP Datasheet (PDF) - Texas Instruments

SN74LVC1G06-EP Datasheet PDF - Texas Instruments
Part # SN74LVC1G06-EP
Download  SN74LVC1G06-EP Download
File Size   1129.8 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G06-Q1 Automotive Single Inverter Buffer or Driver With Open-Drain Output

SN74LVC1G06-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G06-EP Datasheet PDF - Texas Instruments

Part # SN74LVC1G06-EP
Download  SN74LVC1G06-EP Click to download

File Size   1129.8 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G06-Q1 Automotive Single Inverter Buffer or Driver With Open-Drain Output

SN74LVC1G06-EP Datasheet (HTML) - Texas Instruments


SN74LVC1G06-EP Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
• Operating range from 1.65V to 5.5V
• 5.5V tolerant input pins
• Supports standard pinouts
• Latch-up performance exceeds 100mA
per JESD 78

2 Applications
• Combining power good signals
• Enable digital signals

3 Description
The SN74LVC1G06-Q1 device is an Inverter Buffer
with an Open-Drain output.




Similar Part No. - SN74LVC1G06-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI1-SN74LVC1G06-EP Datasheet
1Mb / 41P
Single Inverter Buffer/Driver With Open-Drain Output
SN74LVC1G06-EP TI2-SN74LVC1G06-EP Datasheet
2Mb / 48P
SN74LVC1G06 Single Inverter Buffer or Driver With Open-Drain Output
REVISED OCTOBER 2025
More results


Similar Description - SN74LVC1G06-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com