Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRF1208 Datasheet (PDF) - Texas Instruments

TRF1208 Datasheet PDF - Texas Instruments
Part # TRF1208
Download  TRF1208 Download
File Size   1293.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1208-EP Enhanced Product, Near-DC to 11GHz, Fully Differential RF Amplifier

TRF1208 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRF1208 Datasheet PDF - Texas Instruments

Part # TRF1208
Download  TRF1208 Click to download

File Size   1293.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TRF1208-EP Enhanced Product, Near-DC to 11GHz, Fully Differential RF Amplifier

TRF1208 Datasheet (HTML) - Texas Instruments


TRF1208 Product details

1 Features
• Vendor item drawing number: VID V62/25645
• High reliability enhanced product
– Controlled baseline
– One assembly and test site
– One fabrication site
– Extended product life cycle
– Product traceability
– Lead-free construction
– Extended temperature range: –55°C to +125°C
• Excellent performance driving RF ADCs
• Fixed power gain of 16dB in single-ended-todifferential
mode
• Bandwidth: 11GHz, 3dB
• Gain flatness: 8GHz, 1dB
• OIP3: 37dBm (2GHz), 30dBm (6GHz)
• P1dB: 15dBm (2GHz), 12.5dBm (6GHz)
• NF: 6.8dB (2GHz), 7.2dB (6GHz)
• Gain and phase imbalance: ±0.3dB and ±3º
• Power-down feature
• Single-supply operation: 3.3V
• Active current: 138mA

2 Applications
• RF sampling or GSPS ADC driver
• Aerospace and defense
• Phased array radar
• Radar seeker front end
• Electronic warfare (SIGINT, ELINT)
• Military radios
• Satellite Communications (SATCOM)

3 Description
The TRF1208-EP is a very high-performance
fully differential amplifier (FDA) optimized for
radio-frequency (RF) applications. This device is
an excellent choice for ac-coupled applications
that require single-ended-to-differential conversion
when driving an analog-to-digital converter (ADC)
such as the high-performance AFE7950-EP
or ADC12DJ5200-EP. The on-chip matching
components simplify printed-circuit-board (PCB)
implementation and provide the highest performance
over the usable bandwidth. The device is fabricated
in Texas Instruments’ advanced complementary
BiCMOS process and is available in a space-saving,
WQFN-FCRLF package.
The TRF1208-EP operates on a single-rail supply and
consumes approximately 138mA of active current. A
power-down feature is available for power saving.




Similar Part No. - TRF1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208 Datasheet
2Mb / 30P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF1208 TI-TRF1208 Datasheet
2Mb / 31P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
TRF1208 TI1-TRF1208 Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
TRF1208 TI2-TRF1208 Datasheet
1Mb / 29P
TRF1208-EP Enhanced Product, Near-DC to 11GHz, Fully Differential RF Amplifier
AUGUST 2025
More results


Similar Description - TRF1208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
Fully Differential Amplifier
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
Fully Differential Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
Fully differential amplifier
logo
Texas Instruments
SN74LV3T97-EP TI-SN74LV3T97-EP Datasheet
953Kb / 21P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
SN74LV3T98-EP TI-SN74LV3T98-EP Datasheet
998Kb / 21P
SN74LV3T98-EP Enhanced Product Configurable Multiple-Function Gate
NOVEMBER 2023
SN74LV3T97-EP TI1-SN74LV3T97-EP_V01 Datasheet
1Mb / 26P
SN74LV3T97-EP Enhanced Product, Configurable Multiple-Function Gate
NOVEMBER 2023
SN74LV3T98-EP TI1-SN74LV3T98-EP_V01 Datasheet
1Mb / 25P
SN74LV3T98-EP Enhanced Product Configurable Multiple-Function Gate
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com