| Manufacturer | Part # | Datasheet | Description |
 Molex Electronics Ltd. |
0014604020
|
170Kb / 2P |
ASSEMBLY, CONNECTOR BOX I.D. SINGLE ROW / . 100 GRID GROUPED HOUSINGS
|
|
0014607032
|
171Kb / 2P |
ASSEMBLY, CONNECTOR BOX I.D SINGLE ROW - .100 GRID GROUPED HOUSINGS
|
|
0014607045
|
164Kb / 2P |
ASSEMBLY, CONNECTOR BOX I.D. SINGLE ROW/ .100 GRID GROUPED HOUSING
|
|
0014625021
|
170Kb / 2P |
ASSEMBLY, CONNECTOR BOX I.D. SINGLE ROW/ .100 GRID GROUPED HOUSINGS
|
 Weidmuller |
0342600000
|
97Kb / 2P |
Housings, 91 mm, 160 mm, 350 mm, Aluminium alloy (AlSi12)
|
 Cooper Bussmann, Inc. |
353907
|
51Kb / 2P |
Square Body ??DIN 43 653
|
 List of Unclassifed Man... |
170M4139
|
56Kb / 2P |
Square Body - DIN 43 653
|
 TAI-SAW TECHNOLOGY CO.,... |
TA1358A
|
431Kb / 6P |
SAW Filter 653 MHz
|
|
TB1370A
|
618Kb / 7P |
IF SAW Filter 350 MHz SMD 5.0횞5.0 mm (BW=100 MHz)
|
|
TB1371A
|
722Kb / 7P |
IF SAW Filter 350 MHz SMD 5.0횞5.0 mm (BW=100 MHz)
|