Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC1G126 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC1G126 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC1G126
Download  74AHC1G126 Download
File Size   273.58 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74AHC1G126 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC1G126 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC1G126
Download  74AHC1G126 Click to download

File Size   273.58 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Bus buffer/line driver; 3-state

74AHC1G126 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC1G126 Product details

General description
The 74AHC1G126; 74AHCT1G126 is a single buffer/line driver with 3-state output. Inputs are overvoltage tolerant. This feature allows the use of these devices as translators in mixed voltage environments.

Features and benefits
• Symmetrical output impedance
• Balanced propagation delays
• Wide supply voltage range from 2.0 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Input levels:
• For 74AHC1G126: CMOS level
• For 74AHCT1G126: TTL level
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2000 V
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +125 °C




Similar Part No. - 74AHC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
Bus buffer/line driver; 3-state
2002 Jun 06
74AHC1G126 NXP-74AHC1G126 Datasheet
103Kb / 16P
Bus buffer/line driver; 3-state
Rev. 07-17 June 2009
logo
Diodes Incorporated
74AHC1G126 DIODES-74AHC1G126 Datasheet
228Kb / 9P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
Rev 1
logo
Nexperia B.V. All right...
74AHC1G126 NEXPERIA-74AHC1G126 Datasheet
248Kb / 15P
Bus buffer/line driver; 3-state
Rev. 10 - 11 January 2022
logo
TECH PUBLIC Electronics...
74AHC1G126 TECHPUBLIC-74AHC1G126 Datasheet
2Mb / 7P
SINGLE BUFFER GATE WITH 3-STATE OUTPUT
More results


Similar Description - 74AHC1G126

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G126 PHILIPS-74AHC1G126 Datasheet
80Kb / 16P
Bus buffer/line driver; 3-state
2002 Jun 06
74LVC1G125 PHILIPS-74LVC1G125 Datasheet
94Kb / 17P
Bus buffer/line driver; 3-state
2004 Sep 15
74LVC1G126 NXP-74LVC1G126_09 Datasheet
98Kb / 16P
Bus buffer/line driver; 3-state
Rev. 08-9 April 2009
74LVC1G126GW.125 NXP-74LVC1G126GW.125 Datasheet
368Kb / 21P
Bus buffer/line driver; 3-state
Rev. 12-2 July 2012
74AHC_AHCT1G126 PHILIPS-74AHC_AHCT1G126_15 Datasheet
198Kb / 17P
Bus buffer/line driver; 3-state
Rev. 8-23 August 2012
XC7SH125 PHILIPS-XC7SH125_15 Datasheet
93Kb / 14P
Bus buffer/line driver; 3-state
Rev. 01-4 September 2009
logo
Unisonic Technologies
U74LVC1G125 UTC-U74LVC1G125_V01 Datasheet
193Kb / 5P
BUS BUFFER/LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74AHC1G125-Q100 NEXPERIA-74AHC1G125-Q100 Datasheet
700Kb / 15P
Bus buffer/line driver; 3-state
74AHC1G126-Q100 NEXPERIA-74AHC1G126-Q100 Datasheet
696Kb / 15P
Bus buffer/line driver; 3-state
74LVC1G126 NEXPERIA-74LVC1G126 Datasheet
272Kb / 18P
Bus buffer/line driver; 3-state
Rev. 16 - 18 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com