Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AC125PWR Datasheet (PDF) - Texas Instruments

SN74AC125PWR Datasheet PDF - Texas Instruments
Part # SN74AC125PWR
Download  SN74AC125PWR Download
File Size   1827.97 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AC125 Quadruple 2-Input AND Gates with Open-Drain Outputs

SN74AC125PWR Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74AC125PWR Datasheet PDF - Texas Instruments

Part # SN74AC125PWR
Download  SN74AC125PWR Click to download

File Size   1827.97 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AC125 Quadruple 2-Input AND Gates with Open-Drain Outputs

SN74AC125PWR Datasheet (HTML) - Texas Instruments


SN74AC125PWR Product details

1 Features
• Wide operating range of 1.5V to 6V
• Inputs accept voltages up to 6V
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Maximum tpd of 6.6ns at 5V, 50pF load

2 Applications
• Drive an indicator LED
• Redrive a digital signal
• Drive a transmission line
• Hold a signal during controller reset

3 Description
The SN74AC125 contains four independent buffers
with 3-state outputs.




Similar Part No. - SN74AC125PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AC125PWRQ1 TI2-SN74AC125PWRQ1 Datasheet
1Mb / 38P
SN74AC125-Q1 Automotive Quadruple 2-Input AND Gates with Open-Drain Outputs
AUGUST 2025
More results


Similar Description - SN74AC125PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC03 TI-SN54HC03 Datasheet
66Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC266 TI-SN54HC266 Datasheet
77Kb / 4P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74HC09 HITACHI-HD74HC09 Datasheet
44Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
HD74LS09 HITACHI-HD74LS09 Datasheet
44Kb / 5P
Quadruple 2-input Positive AND Gates(with Open Collector Outputs)
logo
Texas Instruments
SN54HC03 TI-SN54HC03_06 Datasheet
418Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATES WITH OPEN-DRAIN OUTPUTS
SN54HC266 TI-SN54HC266_07 Datasheet
462Kb / 12P
QUADRUPLE 2-INPUT EXCLUSIVE-NOR GATES WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LS09 RENESAS-HD74LS09 Datasheet
54Kb / 5P
Quadruple 2-Input Positive AND Gates (with Open Collector Outputs)
HD74HC09 RENESAS-HD74HC09 Datasheet
90Kb / 7P
Quad. 2-input AND Gates (with open drain outputs)
logo
Texas Instruments
SN74HCS03 TI1-SN74HCS03 Datasheet
283Kb / 15P
SN74HCS03 Quadruple 2-Input NAND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
SN74HCS09 TI1-SN74HCS09 Datasheet
283Kb / 16P
SN74HCS09 Quadruple 2-Input AND Gates with Open-Drain Outputs and Schmitt-Trigger Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com