Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54AHCT373 Datasheet (PDF) - Texas Instruments

SN54AHCT373 Datasheet PDF - Texas Instruments
Part # SN54AHCT373
Download  SN54AHCT373 Download
File Size   1650.57 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT373-Q1 AutomotiveOctal Transparent D-Type Latches with 3-State Outputs

SN54AHCT373 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54AHCT373 Datasheet PDF - Texas Instruments

Part # SN54AHCT373
Download  SN54AHCT373 Click to download

File Size   1650.57 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74AHCT373-Q1 AutomotiveOctal Transparent D-Type Latches with 3-State Outputs

SN54AHCT373 Datasheet (HTML) - Texas Instruments


SN54AHCT373 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Low delay, 7.2ns at 5V, 15pF load
• Supports 130MHz at 5V, 15pF load
• Latch-up performance exceeds 250mA
per JESD 17

2 Applications
• Parallel data storage
• Digital bus buffer

3 Description
The SN74AHCT373-Q1 contains eight D-type latches.
All channels share a latch enable (LE) input and
output enable (OE) input.
The input is designed with a reduced threshold circuit
to support up translation when the supply voltage
is larger than the input voltage. Additionally, the 5V
tolerant input pins enable down translation when the
input voltage is larger than the supply voltage. The
output level is always referenced to the supply voltage
(VCC) and supports 1.8V, 2.5V, 3.3V, and 5V CMOS
levels.




Similar Part No. - SN54AHCT373

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHCT373 TI-SN54AHCT373 Datasheet
534Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT373 TI-SN54AHCT373 Datasheet
677Kb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT373 TI-SN54AHCT373 Datasheet
707Kb / 18P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54AHCT373 TI2-SN54AHCT373 Datasheet
2Mb / 50P
SNx4AHCT373 Octal Transparent D-Type Latches With 3-State Outputs
REVISED JULY 2025
SN54AHCT373FK TI-SN54AHCT373FK Datasheet
534Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Similar Description - SN54AHCT373

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
Octal D-type Transparent Latches with 3-state Outputs
HD74LVC573A RENESAS-HD74LVC573A Datasheet
195Kb / 9P
Octal D-type Transparent Latches with 3-state Outputs
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN74HC373AN TI-SN74HC373AN Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74HC373DWRG4 TI-SN74HC373DWRG4 Datasheet
1Mb / 23P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC373 UTC-U74AHC373 Datasheet
270Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AC573-Q1 TI1-SN74AC573-Q1 Datasheet
1Mb / 28P
SN74AC573-Q1 Automotive Octal Transparent D-Type Latches With 3-State Outputs
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com