Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1208226 Datasheet (PDF) - PHOENIX CONTACT

1208226 Datasheet PDF - PHOENIX CONTACT
Part # 1208226
Download  1208226 Download
File Size   191.26 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CF 1000-TOOLKIT 0,34/6-8 - Conversion kit

1208226 Datasheet (PDF)

Go To PDF Page Download Datasheet
1208226 Datasheet PDF - PHOENIX CONTACT

Part # 1208226
Download  1208226 Click to download

File Size   191.26 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CF 1000-TOOLKIT 0,34/6-8 - Conversion kit

1208226 Datasheet (HTML) - PHOENIX CONTACT


1208226 Product details

Installation kit for CF 1000-1,5 from serial number 160594, for insulated ferrules in accordance
with DIN 46228-4: 2017-05, cross section range: 0.25 ... 0.34 mm2, stripping length: 6 ... 8 mm




Similar Part No. - 1208226

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
12082 BELDEN-12082 Datasheet
471Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Norgren Ltd
12082 NORGREN-12082 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
logo
PHOENIX CONTACT
1208209 PHOENIX-1208209 Datasheet
58Kb / 3P
Tool - CF 1000-1,5 120V
1208242 PHOENIX-1208242 Datasheet
42Kb / 1P
Conversion kit - CF 1000-TOOLKIT 2,5/6-12
1208271 PHOENIX-1208271 Datasheet
191Kb / 5P
CF 1000-TOOLKIT 4,0/10 - Conversion kit
More results


Similar Description - 1208226

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CF-3000-CFB-0 PHOENIX-CF-3000-CFB-0 Datasheet
43Kb / 2P
Replacement centering fork (bottom), for CF 3000-TOOLKIT 0,25
CF-3000-CFT-0 PHOENIX-CF-3000-CFT-0 Datasheet
43Kb / 2P
Replacement centering fork (top), for CF 3000-TOOLKIT 0,25
1409402 PHOENIX-1409402 Datasheet
33Kb / 1P
HC-KIT-CF-B06-SM0001
1409408 PHOENIX-1409408 Datasheet
34Kb / 1P
HC-KIT-CF-B10-SM0001
1208242 PHOENIX-1208242 Datasheet
42Kb / 1P
Conversion kit - CF 1000-TOOLKIT 2,5/6-12
1212376 PHOENIX-1212376 Datasheet
45Kb / 2P
Conversion kit - CF 3000-TOOLKIT 0,25
1212458 PHOENIX-1212458 Datasheet
44Kb / 2P
Conversion kit - CF 1000-10-TOOLKIT 4/10-12
1212459 PHOENIX-1212459 Datasheet
44Kb / 2P
Conversion kit - CF 1000-10-TOOLKIT 6/12
1212460 PHOENIX-1212460 Datasheet
44Kb / 2P
Conversion kit - CF 1000-10-TOOLKIT 10/12
3009215 PHOENIX-3009215 Datasheet
90Kb / 3P
AI 0,34- 6 TQ
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com