Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4S201RUKR Datasheet (PDF) - Texas Instruments

TPD4S201RUKR Datasheet PDF - Texas Instruments
Part # TPD4S201RUKR
Download  TPD4S201RUKR Download
File Size   2266.46 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection

TPD4S201RUKR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPD4S201RUKR Datasheet PDF - Texas Instruments

Part # TPD4S201RUKR
Download  TPD4S201RUKR Click to download

File Size   2266.46 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPD4S201 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection

TPD4S201RUKR Datasheet (HTML) - Texas Instruments


TPD4S201RUKR Product details

1 Features
• 4-channels of short-to-VBUS overvoltage protection
(CC1, CC2, SBU1, SBU2): 28VDC tolerant
• 4-channels of IEC 61000-4-2 ESD protection
(CC1, CC2, SBU1, SBU2)
• CC1 and CC2 overvoltage protection FETs for
passing VCONN power
• ± 35V surge protection on CC pins
• ± 35V surge protection on SBU pins
• CC dead battery resistors integrated for handling
dead battery use case

2 Applications
• Desktop PC/motherboard
• Standard notebook PC
• Chromebook and WOA
• Docking station
• Port/cable adapters and dongles
• Smartphones

3 Description
The TPD4S201 is a single-chip USB Type-C port
protection device that provides 28V short-to-VBUS
overvoltage and IEC ESD protection.
Since the release of the USB Type-C connector,
many products and accessories for USB Type-C have
been released that do not meet the USB Type-C
specification. Another concern for USB Type-C is
that mechanical twisting and sliding of the connector
shorting pins due to the close proximity they have
in this small connector. This mechanical twisting
nad sliding of the connector causes 28V VBUS to
be shorted to the CC and SBU pins. Due to the
proximity of the pins in the Type-C connector, there
is a heightened concern of a short to the CC, SBU or
USB2 pin to the the 28V VBUS pin caused by debris
and moisure.
These non-ideal equipments and mechanical events
make it necessary for the CC and other pins to be
28V tolerant, even though the pins only operate at 5V
or lower. The TPD4S201 enables the CC and SBU or
USB2 pins to be 28V tolerant without interfering with
normal operation by providing overvoltage protection
on the CC and SBU pins. The device places high
voltage FETs in series on the SBU and CC lines.
For systems not using alternate modes with SBU
communication, the SBU pins of the TPD4S201 are
available for to protect the USB2 data lines instead.
When a voltage above the OVP threshold is detected
on these lines, the high voltage switches are opened
up, isolating the rest of the system from the high
voltage condition present on the connector.
Finally, most systems require IEC 61000-4-2 system
level ESD protection for external pins. The TPD4S201
integrates IEC 61000-4-2 ESD protection for the CC1,
CC2, SBU1, and SBU2 pins, eliminating the need
to place high voltage TVS diodes externally on the
connector.




Similar Part No. - TPD4S201RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S201-Q1 TI2-TPD4S201-Q1 Datasheet
1Mb / 28P
TPD4S201-Q1 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
JUNE 2025
TPD4S201TRGRRQ1 TI2-TPD4S201TRGRRQ1 Datasheet
1Mb / 28P
TPD4S201-Q1 USB Type-C® 20V SPR Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
JUNE 2025
More results


Similar Description - TPD4S201RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
TPD2S701-Q1 TI1-TPD2S701-Q1 Datasheet
1Mb / 34P
Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com