Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC-6 Datasheet (PDF) - Multicomp Pro

UC-6 Datasheet PDF - Multicomp Pro
Part # UC-6
Download  UC-6 Download
File Size   176.01 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Cable Clamping Clip P-Clips, Nylon

UC-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
UC-6 Datasheet PDF - Multicomp Pro

Part # UC-6
Download  UC-6 Click to download

File Size   176.01 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Cable Clamping Clip P-Clips, Nylon

UC-6 Datasheet (HTML) - Multicomp Pro


UC-6 Product details

Features
• P-clips manufactured in flame retardant Natural Nylon 66
• Suitable for fixing cables, looms etc up to 25.4mm diameter
• These clips are designed to hold cables, tubes, components in domestic appliances, electronics and electric apparatus generally
• Interior edges are reduced to protect cable insulation
• To apply, just clamp down onto loose cables and screw it to chassis/surface
• Available in 100 per pack
• Operating temperature : -40°C to +85°C

Description
P Clip, Natural, 25.4mm, PK100




Similar Part No. - UC-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
P-Clips
logo
Multicomp Pro
UC-0 MULTICOMP-UC-0 Datasheet
133Kb / 1P
P-Clips
22/06/22 V1.0
logo
List of Unclassifed Man...
UC-0.5 ETC2-UC-0.5 Datasheet
98Kb / 1P
P-Clips
logo
Multicomp Pro
UC-0.5 MULTICOMP-UC-0.5 Datasheet
133Kb / 1P
P-Clips
22/06/22 V1.0
logo
List of Unclassifed Man...
UC-1 ETC2-UC-1 Datasheet
98Kb / 1P
P-Clips
More results


Similar Description - UC-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N4NY-002-9-CMC ETC1-N4NY-002-9-CMC Datasheet
184Kb / 2P
P-Clips, Nylon Cable Clamping Clips
V-1000 ETC2-V-1000 Datasheet
64Kb / 1P
COMPONENT CLIPS & MICROPHONE CLIP
UC-0 ETC2-UC-0 Datasheet
98Kb / 1P
P-Clips
ACC-3 ETC2-ACC-3 Datasheet
106Kb / 1P
Cable Clips
561-AC001 ETC2-561-AC001 Datasheet
125Kb / 2P
Nylon Arrow Clips
561-Y125093 ETC2-561-Y125093 Datasheet
83Kb / 2P
Nylon Key-Hole Clips
561-1720CC ETC2-561-1720CC Datasheet
58Kb / 2P
Heavy Duty Cable Clips
561-1720CC4-600 ETC2-561-1720CC4-600 Datasheet
77Kb / 2P
Heavy Duty Cable Clips
561-DP13037 ETC2-561-DP13037 Datasheet
204Kb / 2P
Adhesive Backed Nylon Cable Clips
logo
Heyco.
F8902 HEYCO-F8902 Datasheet
201Kb / 1P
Heyco® Nylon Corrugated Conduit/Tubing Mounting Clips
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com