Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP68255QSP-13 Datasheet (PDF) - Diodes Incorporated

AP68255QSP-13 Datasheet PDF - Diodes Incorporated
Part # AP68255QSP-13
Download  AP68255QSP-13 Download
File Size   1307.92 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5.5V TO 80V INPUT AUTOMOTIVE GRADE, 2.5A AND 3.5A NON-SYNCHRONOUS BUCK CONVERTER

AP68255QSP-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP68255QSP-13 Datasheet PDF - Diodes Incorporated

Part # AP68255QSP-13
Download  AP68255QSP-13 Click to download

File Size   1307.92 Kbytes
Page   18 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5.5V TO 80V INPUT AUTOMOTIVE GRADE, 2.5A AND 3.5A NON-SYNCHRONOUS BUCK CONVERTER

AP68255QSP-13 Datasheet (HTML) - Diodes Incorporated


AP68255QSP-13 Product details

Features
• Qualified for Automotive Applications
• AEC-Q100 Qualified with the Following Results
▪ Device Temperature Grade 1: -40°C to +125°C TA
▪ Device HBM ESD Classification Level 1C
▪ Device CDM ESD Classification Level C5
• Functional Safety-Capable ISO26262 – Documentation
Available to Aid Functional Safety System Design
• VIN 5.5V to 80V
• 1.2V ±1.5% VREF
• Continuous Output Current
– AP68255Q: 2.5A
– AP68355Q: 3.5A
• VOUT Adjustable from 1.2V to 50V
• Overcurrent Protection (OCP)
• Thermal Protection
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• The AP68255Q/AP68355Q are suitable for automotive
applications requiring specific change control; these parts
are AEC-Q100 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.

Applications
• General-purpose point-of-load DC/DC power conversion
• Automotive infotainment
• Telecommunication systems
• Distributed power systems
• Home audio devices
• Consumer electronics
• Network systems
• FPGA, DSP, and ASIC supplies
• Green electronics




Similar Part No. - AP68255QSP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP68255QSP-13 DIODES-AP68255QSP-13 Datasheet
397Kb / 2P
80V/100V, 2.5A/3.5A, Asynchronous Buck Converters Deliver High Efficiency in Automotive Point-of-Load Applications
August 2025
More results


Similar Description - AP68255QSP-13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8853 ONSEMI-NCV8853_16 Datasheet
103Kb / 12P
Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
logo
Lowpower Semiconductor ...
LP6493 POWER-LP6493 Datasheet
425Kb / 6P
30V 3.5A Synchronous Buck Converter
logo
Diodes Incorporated
AP61100Q DIODES-AP61100Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 1A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 August 2020
AP61302Q DIODES-AP61302Q Datasheet
1Mb / 21P
AUTOMOTIVE-COMPLIANT, 5.5V INPUT, 3A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 1 - 2 January 2022
AP62250 DIODES-AP62250 Datasheet
1Mb / 21P
4.2V TO 18V INPUT, 2.5A LOW IQ SYNCHRONOUS BUCK CONVERTER
Rev. 2 - 2 January 2021
logo
Analog Devices
MAX42402 AD-MAX42402 Datasheet
1Mb / 16P
36V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
19-101726; Rev 1; 10/23
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com