Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0790501 Datasheet (PDF) - PHOENIX CONTACT

0790501 Datasheet PDF - PHOENIX CONTACT
Part # 0790501
Download  0790501 Download
File Size   174.66 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ATP-OTTA 25 - Partition plate

0790501 Datasheet (PDF)

Go To PDF Page Download Datasheet
0790501 Datasheet PDF - PHOENIX CONTACT

Part # 0790501
Download  0790501 Click to download

File Size   174.66 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ATP-OTTA 25 - Partition plate

0790501 Datasheet (HTML) - PHOENIX CONTACT


0790501 Product details

Partition plate, depth: 52.6 mm, width: 2 mm, height: 109.2 mm, color: gray




Similar Part No. - 0790501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0790527 PHOENIX-0790527 Datasheet
96Kb / 7P
Ground modular terminal block - OTTA 6-PE
0790530 PHOENIX-0790530 Datasheet
128Kb / 9P
Bolt connection terminal block - OTTA 2,5
0790543 PHOENIX-0790543 Datasheet
79Kb / 5P
Feed-through terminal block - OTTA 2,5-P/P
More results


Similar Description - 0790501

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0304227 PHOENIX-0304227 Datasheet
45Kb / 2P
Partition plate - ATS-GSK - 0304227
0308223 PHOENIX-0308223 Datasheet
45Kb / 2P
Partition plate - ATS-RTK-BEN - 0308223
0311139 PHOENIX-0311139 Datasheet
45Kb / 2P
Partition plate - ATP-URTK/SP - 0311139
3002542 PHOENIX-3002542 Datasheet
50Kb / 2P
Partition plate - ATP-UK 3-RETURN
09/12/2020
3005772 PHOENIX-3005772 Datasheet
53Kb / 3P
Partition plate - ATP-ZFKKB 4
09/12/2020
3034387 PHOENIX-3034387 Datasheet
85Kb / 5P
Partition plate - CARRIER 35-8
09/12/2020
3047167 PHOENIX-3047167 Datasheet
56Kb / 3P
Partition plate - ATP-UT
09/12/2020
1413285 PHOENIX-1413285 Datasheet
52Kb / 3P
Partition plate - ATP-DIKD 1,5
09/11/2020
2740850 PHOENIX-2740850 Datasheet
54Kb / 3P
Cover plate - I-L ATP GN
09/12/2020
2778521 PHOENIX-2778521 Datasheet
51Kb / 3P
Partition plate - ATP-UKK 3/5
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com