Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1340254 Datasheet (PDF) - PHOENIX CONTACT

1340254 Datasheet PDF - PHOENIX CONTACT
Part # 1340254
Download  1340254 Download
File Size   216.9 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description P-DI-MP HV OG - Isolating plug

1340254 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340254 Datasheet PDF - PHOENIX CONTACT

Part # 1340254
Download  1340254 Click to download

File Size   216.9 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description P-DI-MP HV OG - Isolating plug

1340254 Datasheet (HTML) - PHOENIX CONTACT


1340254 Product details

Isolating plug, depth: 25.5 mm, width: 6.3 mm, height: 22.4 mm, color: orange




Similar Part No. - 1340254

ManufacturerPart #DatasheetDescription
logo
Heyco.
13402 HEYCO-13402 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
Turck, Inc.
13402 TURCK-13402 Datasheet
330Kb / 3P
Inductive Sensor
11/07/2023
logo
Atom Lighting
13402 ATOM-13402 Datasheet
721Kb / 2P
AT9498
31st of January 2025 06:02:50
More results


Similar Description - 1340254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DS44049 ETC2-DS44049 Datasheet
712Kb / 1P
SAFETY ISOLATING TRANSFORMER
IM1-22EX-T ETC2-IM1-22EX-T Datasheet
237Kb / 4P
Isolating switching amplifier
logo
PHOENIX CONTACT
1013777 PHOENIX-1013777 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,34-0,75 R
1013778 PHOENIX-1013778 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5 R
1013780 PHOENIX-1013780 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,34-0,75
1013781 PHOENIX-1013781 Datasheet
49Kb / 1P
Accessories - PTCM-MP-P 0,14-0,5
3029538 PHOENIX-3029538 Datasheet
141Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P OG
3046443 PHOENIX-3046443 Datasheet
113Kb / 4P
UT 4-MT-P/P OG
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.1 PF-S1SD-1AI-1U.1 Datasheet
813Kb / 4P
Isolating Amplifier
2022-01-10
S1SD-1AI-1U.2 PF-S1SD-1AI-1U.2 Datasheet
817Kb / 4P
Isolating Amplifier
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com