Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G07-EP Datasheet (PDF) - Texas Instruments

SN74LVC1G07-EP Datasheet PDF - Texas Instruments
Part # SN74LVC1G07-EP
Download  SN74LVC1G07-EP Download
File Size   1952.61 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output

SN74LVC1G07-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G07-EP Datasheet PDF - Texas Instruments

Part # SN74LVC1G07-EP
Download  SN74LVC1G07-EP Click to download

File Size   1952.61 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output

SN74LVC1G07-EP Datasheet (HTML) - Texas Instruments


SN74LVC1G07-EP Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature
– 2000V Device human-body model (HBM) ESD
classification level 2
– 1000V Device charged-device model (CDM)
ESD classification level C5
• Supports 5V VCC operation
• Input and open-drain output accept
Voltages up to 5.5V
• Maximum tpd of 5.7ns at 3.3V
• Low power consumption, 10μA maximum ICC
• ±24mA Output drive at 3.3V
• Ioff Supports partial-power-down mode
Operation

2 Applications
• Automotive infotainment
• Automotive ADAS camera and fusion
• Automotive body control module AV receiver
• Automotive HEV/powertrain
• Blu-ray player and home theater
• DVD recorder and player
• Desktop or notebook PC
• Digital radio or internet radio player
• Digital video camera (DVC)
• Embedded PC
• GPS: Personal navigation device
• Mobile internet device
• Network projector front end
• Portable media player
• Pro Audio Mixer
• Smoke detector
• Solid state drive (SSD): enterprise
• High-definition (HDTV)
• Tablet: enterprise
• Audio dock: portable
• DLP front projection system
• DVR and DVS
• Digital picture frame (DPF)
• Digital still camera

3 Description
The SN74LVC1G07-Q1 is a single channel
open-drain buffer/driver qualified for automotive
applications. This is designed for 1.65V to 5.5V VCC
operation.
The output of the SN74LVC1G07-Q1 device is open
drain and can be connected to other open-drain
outputs to implement active-low wired-OR or activehigh
wired-AND functions. The maximum sink current
is 32mA.
This device is fully specified for partial-power-down
applications using Ioff.The Ioff circuitry disables
the outputs, preventing damaging current backflow
through the device when the device is powered down.




Similar Part No. - SN74LVC1G07-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
388Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
883Kb / 21P
Single Buffer/Driver With Open-Drain Output
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
1Mb / 21P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
More results


Similar Description - SN74LVC1G07-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_16 Datasheet
1Mb / 38P
SN74LVC1G07 Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
Single Buffer/Driver With Open-Drain Output
SN74LVC1G07-Q1 TI1-SN74LVC1G07-Q1_V01 Datasheet
1Mb / 21P
SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com