Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G08 Datasheet (PDF) - Texas Instruments

SN74LVC1G08 Datasheet PDF - Texas Instruments
Part # SN74LVC1G08
Download  SN74LVC1G08 Download
File Size   1615.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G08-Q1 Single 2-input positive-AND gate

SN74LVC1G08 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC1G08 Datasheet PDF - Texas Instruments

Part # SN74LVC1G08
Download  SN74LVC1G08 Click to download

File Size   1615.81 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74LVC1G08-Q1 Single 2-input positive-AND gate

SN74LVC1G08 Datasheet (HTML) - Texas Instruments


SN74LVC1G08 Product details

1 Features
1• AEC-Q100 Qualified for Automotive Applications:
– Device Temperature Grade 1: –40°C to
+125°C, TA
• Supports 5-V VCC Operation
• Over-voltage Tolerant Inputs Accept Voltages to
5.5 V
• Provides Down Translation to VCC
• Low Power Consumption, 10-μA Max ICC
• ±24-mA Output Drive at 3.3 V
• Ioff Supports Live Insertion, Partial-Power-Down
Mode, and Back Drive Protection
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)

2 Applications
• Fully qualified for automotive applications
• Combine power good signals for multiple power
rails
• Prevent a signal from being passed until a
condition is true
• Combine active-low error signals

Y = A • B or Y = A + B
3 Description
This single 2-input positive-AND gate is designed for
1.65-V to 5.5-V VCC operation.
The SN74LVC1G08-Q1 device performs the Boolean
function or in positive logic.
This device is fully specified for partial-power-down
applications using I off. The I off circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC operating range.
The SN74LVC1G08 is available in a variety of
packages, including the small DRY package with a
body size of 1.45 mm × 1.00 mm.




Similar Part No. - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
119Kb / 16P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08 Datasheet
737Kb / 18P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI1-SN74LVC1G08 Datasheet
2Mb / 48P
Single 2-Input Positive-AND Gate
More results


Similar Description - SN74LVC1G08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT1G08 TI-SN74AHCT1G08 Datasheet
69Kb / 5P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AUC1G08 TI-SN74AUC1G08 Datasheet
460Kb / 14P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI-SN74LVC1G08_07 Datasheet
597Kb / 17P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74AHCT1G08 TI-SN74AHCT1G08_1 Datasheet
473Kb / 12P
single 2-input positive-and gate
logo
Diodes Incorporated
74LVC1G08 DIODES-74LVC1G08 Datasheet
199Kb / 11P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev. 1 - 2
74LVC1G08_1010 DIODES-74LVC1G08_1010 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE AND GATE
DS32199 Rev 2 - 2
logo
Texas Instruments
SN74LVC1G08-Q1 TI1-SN74LVC1G08-Q1 Datasheet
342Kb / 11P
SINGLE 2-INPUT POSITIVE-AND GATE
SN74LVC1G08 TI1-SN74LVC1G08_16 Datasheet
1Mb / 38P
SN74LVC1G08 Single 2-Input Positive-AND Gate
SN74LVC1G32-Q1 TI1-SN74LVC1G32-Q1_V01 Datasheet
1,023Kb / 23P
SN74LVC1G32-Q1 Single 2-input positive-OR gate
SN74LVC2G08-Q1 TI-SN74LVC2G08-Q1_V01 Datasheet
848Kb / 20P
SN74LVC2G08-Q1 Dual 2-Input Positive-AND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com