Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

565000000GREDBYNE Datasheet (PDF) - Elma Electronic Ltd

565000000GREDBYNE Datasheet PDF - Elma Electronic Ltd
Part # 565000000GREDBYNE
Download  565000000GREDBYNE Download
File Size   416.44 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U SATA STORAGE MODULE

565000000GREDBYNE Datasheet (PDF)

Go To PDF Page Download Datasheet
565000000GREDBYNE Datasheet PDF - Elma Electronic Ltd

Part # 565000000GREDBYNE
Download  565000000GREDBYNE Click to download

File Size   416.44 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U SATA STORAGE MODULE

565000000GREDBYNE Datasheet (HTML) - Elma Electronic Ltd


565000000GREDBYNE Product details

Functional Features
■■ Choose the latest in solid state drive technogy; SLC or MLC standard, enhanced
or extended duty rotating drives
■■ Supports current drive capacties currently up to 4TB per drive
■■ 6Gbps data rates are supported (external controller dependent)
■■ Standard 6U x 5HP x 160mm OpenVPX form factor
■■ Drive activity LEDs media dependent
■■ Extended temperature operation from -40°C to +75°C
■■ Conduction or air cooled option
■■ VITA 48.1 REDI primary and Secondary Covers
■■ RoHS compliant and lead-free
■■ Also available in 6U cPCI and VME form factor
■■ Optional rear transition module design on request




Similar Part No. - 565000000GREDBYNE

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
565008 FESTO-565008 Datasheet
81Kb / 1P
Quick coupling
1/26/23
logo
Molex Electronics Ltd.
5650098 MOLEX1-5650098 Datasheet
31Kb / 1P
1.00mm Pitch Pico-Lock Crimp Terminal, Reel, AWG 28-30
5650098PRE-CRIMPEDS MOLEX-5650098PRE-CRIMPEDS Datasheet
539Kb / 3P
Pre-Crimped Leads
2019.09
More results


Similar Description - 565000000GREDBYNE

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII4726 SILICONIMAGE-SII4726 Datasheet
204Kb / 2P
SATA to 5-Port SATA Device SteelVine??Storage Processor
SII4723 SILICONIMAGE-SII4723 Datasheet
122Kb / 2P
SATA to 2-Port 3Gb/s SATA SteelVine Storage Processor
SII3723 SILICONIMAGE-SII3723 Datasheet
189Kb / 2P
Third Generation SATA Port Multiplier Storage Processor
SII5923 SILICONIMAGE-SII5923 Datasheet
185Kb / 2P
Third Generation SATA-to-Dual eSATA Storage Processor
logo
Advantech Co., Ltd.
MIO-3140 ADVANTECH-MIO-3140 Datasheet
134Kb / 1P
Mini PCI Interface to SATA Storage Module Mini PCI Interface to Video Capture Module
logo
List of Unclassifed Man...
AP-SDM001G1PANS-HT ETC2-AP-SDM001G1PANS-HT Datasheet
270Kb / 35P
SATA-Disk Module?
AP-SDM512MAPANS-B ETC2-AP-SDM512MAPANS-B Datasheet
355Kb / 44P
SATA-Disk Module?
AP-SDM512MAPANS-HT ETC2-AP-SDM512MAPANS-HT Datasheet
262Kb / 21P
SATA-Disk Module?
AP-SDM512MDPANS-HT ETC2-AP-SDM512MDPANS-HT Datasheet
204Kb / 20P
SATA-Disk Module?
logo
Apacer Technology Inc.
SDM5A-22P180D APACER-SDM5A-22P180D Datasheet
1Mb / 4P
SATA DOM (SATA disk of module)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com