Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1120 Datasheet (PDF) - Texas Instruments

ADS1120 Datasheet PDF - Texas Instruments
Part # ADS1120
Download  ADS1120 Download
File Size   2513.23 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1120 4-Channel, 2-kSPS, Low-Power, 16-Bit ADC with Integrated PGA and Reference

ADS1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1120 Datasheet PDF - Texas Instruments

Part # ADS1120
Download  ADS1120 Click to download

File Size   2513.23 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1120 4-Channel, 2-kSPS, Low-Power, 16-Bit ADC with Integrated PGA and Reference

ADS1120 Datasheet (HTML) - Texas Instruments


ADS1120 Product details

1 Features
1• Low Current Consumption:
As Low as 120 μA (typ) in Duty-Cycle Mode
• Wide Supply Range: 2.3 V to 5.5 V
• Programmable Gain: 1 V/V to 128 V/V
• Programmable Data Rates: Up to 2 kSPS
• 16-Bit Noise-Free Resolution at 20 SPS
• Simultaneous 50-Hz and 60-Hz Rejection at
20 SPS with Single-Cycle Settling Digital Filter
• Two Differential or Four Single-Ended Inputs
• Dual-Matched Programmable Current Sources:
50 μA to 1.5 mA
• Internal 2.048-V Reference: 5 ppm/°C (typ) Drift
• Internal 2% Accurate Oscillator
• Internal Temperature Sensor:
0.5°C (typ) Accuracy
• SPI-Compatible Interface (Mode 1)
• Package: 3.5-mm × 3.5-mm × 0.9-mm VQFN

2 Applications
• Temperature Sensor Measurements:
– Thermistors
– Thermocouples
– Resistance Temperature Detectors (RTDs):
2-, 3-, or 4-Wire Types
• Resistive Bridge Sensor Measurements:
– Pressure Sensors
– Strain Gauges
– Weigh Scales
• Portable Instrumentation
• Factory Automation and Process Controls

3 Description
The ADS1120 is a precision, 16-bit, analog-to-digital
converter (ADC) that offers many integrated features
to reduce system cost and component count in
applications measuring small sensor signals. The
device features two differential or four single-ended
inputs through a flexible input multiplexer (MUX), a
low-noise, programmable gain amplifier (PGA), two
programmable excitation current sources, a voltage
reference, an oscillator, a low-side switch, and a
precision temperature sensor.
The device can perform conversions at data rates up
to 2000 samples-per-second (SPS) with single-cycle
settling. At 20 SPS, the digital filter offers
simultaneous 50-Hz and 60-Hz rejection for noisy
industrial applications. The internal PGA offers gains
up to 128 V/V. This PGA makes the ADS1120 ideallysuited
for applications measuring small sensor
signals, such as resistance temperature detectors
(RTDs), thermocouples, thermistors, and bridge
sensors. The device supports measurements of
pseudo- or fully-differential signals when using the
PGA. Alternatively, the device can be configured to
bypass the internal PGA while still providing high
input impedance and gains up to 4 V/V, allowing for
single-ended measurements.
Power consumption is as low as 120 μA when
operating in duty-cycle mode with the PGA disabled.
The ADS1120 is offered in a leadless VQFN-16 or a
TSSOP-16 package and is specified over a
temperature range of –40°C to +125°C.




Similar Part No. - ADS1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1120 TI-ADS1120 Datasheet
2Mb / 54P
Low-Power, Low-Noise, 24-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 57P
Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120 TI1-ADS1120 Datasheet
2Mb / 60P
Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120-Q1 TI1-ADS1120-Q1 Datasheet
2Mb / 67P
Automotive, Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
ADS1120IPW TI1-ADS1120IPW Datasheet
2Mb / 57P
Low-Power, Low-Noise, 16-Bit, Analog-to-Digital Converter for Small-Signal Sensors
More results


Similar Description - ADS1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2487 LINER-LTC2487 Datasheet
672Kb / 32P
16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
LTC2487 LINER-LTC2487_15 Datasheet
792Kb / 34P
16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06B TI1-ADS114S06B Datasheet
1Mb / 88P
Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
logo
Analog Devices
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com