Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1262 Datasheet (PDF) - Texas Instruments

ADS1262 Datasheet PDF - Texas Instruments
Part # ADS1262
Download  ADS1262 Download
File Size   3933.92 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference

ADS1262 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1262 Datasheet PDF - Texas Instruments

Part # ADS1262
Download  ADS1262 Click to download

File Size   3933.92 Kbytes
Page   133 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC) with Programmable Gain Amplifier (PGA) and Voltage Reference

ADS1262 Datasheet (HTML) - Texas Instruments


ADS1262 Product details

1 Features
• Precision, 32-bit, ΔΣ ADC
• Auxiliary 24-bit, ΔΣ ADC (ADS1263)
• Data rates: 2.5 SPS to 38400 SPS
• Differential input, CMOS PGA
• 11 multifunction analog inputs
• High-accuracy architecture:
– Offset drift: 1 nV/°C
– Gain drift: 0.5 ppm/°C
– Noise: 7 nVRMS (2.5 SPS, gain = 32)
– Linearity: 3 ppm
• 2.5-V internal voltage reference:
– Temperature drift: 2 ppm/°C
• 50-Hz and 60-Hz rejection
• Single-cycle settled conversions
• Dual sensor excitation current sources
• Internal fault monitors
• Internal ADC test signal
• 8 general-purpose inputs/outputs

2 Applications
• Factory automation and control:
– Analog input modules
– Temperature controllers
– Weigh modules
• Instrumentation:
– Process analytics
– Lab and field instrumentation
– Weigh scales

3 Description
The ADS1262 and ADS1263 (ADS126x) are lownoise,
low-drift, 38.4-kSPS, delta-sigma (ΔΣ) ADCs
with an integrated PGA, reference, and internal fault
monitors. The ADS1263 integrates an auxiliary, 24-
bit, ΔΣ ADC intended for background measurements.
The sensor-ready ADCs provide complete, highaccuracy,
one-chip measurement solutions for the
most-demanding sensor applications, including weigh
scales, strain-gauge sensors, thermocouples, and
resistance temperature devices (RTD).
The ADCs are comprised of a low-noise, CMOS
PGA (gains 1 to 32), a ΔΣ modulator, followed by
a programmable digital filter. The flexible analog frontend
(AFE) incorporates two sensor-excitation current
sources suitable for direct RTD measurement.
A single-cycle settling digital filter maximizes multipleinput
conversion throughput, while providing 130-dB
rejection of 50-Hz and 60-Hz line cycle interference.
The ADS1262 and ADS1263 are pin and functional
compatible. These devices are available in a 28-pin
TSSOP package and are fully specified over the
–40°C to +125°C temperature range.




Similar Part No. - ADS1262

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262IPW TI1-ADS1262IPW Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
ADS1262IPWR TI1-ADS1262IPWR Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
More results


Similar Description - ADS1262

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7871 TI-ADS7871 Datasheet
431Kb / 42P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
ADS7870 TI1-ADS7870 Datasheet
494Kb / 43P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
ADS7871 TI1-ADS7871 Datasheet
564Kb / 44P
14-BIT, 48-KSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
THS1408-EP TI1-THS1408-EP_14 Datasheet
493Kb / 28P
14-BIT, 3/8 MSPS DSP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PGA
ADS7870 TI1-ADS7870_14 Datasheet
887Kb / 45P
12-BIT, 52-kSPS, DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER, MUX, PGA, AND REFERENCE
logo
TEXAS ADVANCED OPTOELEC...
ADS1262 TAOS-ADS1262 Datasheet
2Mb / 134P
ADS126x 32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter
logo
Texas Instruments
ADS1262 TI1-ADS1262 Datasheet
2Mb / 133P
32-Bit, Precision, 38-kSPS, Analog-to-Digital Converter (ADC)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com