Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1247IPWR Datasheet (PDF) - Texas Instruments

ADS1247IPWR Datasheet PDF - Texas Instruments
Part # ADS1247IPWR
Download  ADS1247IPWR Download
File Size   2056.45 Kbytes
Page   104 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS124x 24-Bit, 2-kSPS, Analog-To-Digital Converters With Programmable Gain Amplifier (PGA) For Sensor Measurement

ADS1247IPWR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1247IPWR Datasheet PDF - Texas Instruments

Part # ADS1247IPWR
Download  ADS1247IPWR Click to download

File Size   2056.45 Kbytes
Page   104 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS124x 24-Bit, 2-kSPS, Analog-To-Digital Converters With Programmable Gain Amplifier (PGA) For Sensor Measurement

ADS1247IPWR Datasheet (HTML) - Texas Instruments


ADS1247IPWR Product details

1 Features
1• Programmable Data Rates Up to 2 kSPS
• Single-Cycle Settling for All Data Rates
• Simultaneous 50-Hz and 60-Hz Rejection at 20
SPS
• Analog Multiplexer With 8 (ADS1248) and 4
(ADS1247) Independently Selectable Inputs
• Low-Noise PGA: 48 nVRMS at PGA = 128
• Dual-Matched Programmable Excitation Current
Sources
• Low-Drift Internal 2.048-V Reference:
10 ppm/°C (Maximum)
• Sensor Burn-Out Detection
• 4 or 8 General-Purpose I/Os (ADS1247,
ADS1248)
• Internal Temperature Sensor
• Power Supply and VREF Monitoring (ADS1247,
ADS1248)
• Self and System Calibration
• SPI™-Compatible Serial Interface
• Analog Supply: Unipolar (2.7 V to 5.25 V) and
Bipolar (±2.5 V) Operation
• Digital Supply: 2.7 V to 5.25 V

2 Applications
• Temperature Sensor Measurements:
– RTDs, Thermocouples, and Thermistors
• Pressure Measurements
• Flow Meters
• Factory Automation and Process Controls

3 Description
The ADS1246, ADS1247, and ADS1248 devices are
precision, 24-bit analog-to-digital converters (ADCs)
that include many integrated features to reduce
system cost and component count for sensor
measurement applications. The devices feature a
low-noise, programmable gain amplifier (PGA), a
precision delta-sigma (ΔΣ) ADC with a single-cycle
settling digital filter, and an internal oscillator. The
ADS1247 and ADS1248 devices also provide a builtin,
low-drift voltage reference, and two matched
programmable excitation current sources (IDACs).
An input multiplexer supports four differential inputs
for the ADS1248, two for the ADS1247, and one for
the ADS1246. In addition, the multiplexer integrates
sensor burn-out detection, voltage bias for
thermocouples, system monitoring, and general
purpose digital I/Os (ADS1247 and ADS1248). The
PGA provides selectable gains up to 128 V/V. These
features provide a complete front-end solution for
temperature sensor measurement applications
including thermocouples, thermistors, and resistance
temperature detectors (RTDs) and other small signal
measurements including resistive bridge sensors.
The digital filter settles in a single cycle to support
fast channel cycling when using the input multiplexer
and provides data rates up to 2 kSPS. For data rates
of 20 SPS or less, both 50-Hz and 60-Hz interference
are rejected by the filter.




Similar Part No. - ADS1247IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1247IPWR TI-ADS1247IPWR Datasheet
1Mb / 60P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPWR TI-ADS1247IPWR Datasheet
1Mb / 65P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPWR TI-ADS1247IPWR Datasheet
1Mb / 65P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPWR TI-ADS1247IPWR Datasheet
1Mb / 66P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1247IPWR TI1-ADS1247IPWR Datasheet
1Mb / 71P
24-Bit Analog-to-Digital Converters for Temperature Sensors
More results


Similar Description - ADS1247IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5617 TI-TLC5617 Datasheet
283Kb / 20P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS1246 TI-ADS1246 Datasheet
1Mb / 60P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_10 Datasheet
1Mb / 65P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_101 TI-ADS1246_101 Datasheet
1Mb / 65P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246_102 TI-ADS1246_102 Datasheet
1Mb / 66P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1248EVM-PDK TI1-ADS1248EVM-PDK Datasheet
1Mb / 70P
24-Bit Analog-to-Digital Converters for Temperature Sensors
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
24-Bit Analog-to-Digital Converters for Temperature Sensors
TLC5617 TI1-TLC5617_05 Datasheet
313Kb / 21P
PROGRAMMABLE DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com