Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1283 Datasheet (PDF) - Texas Instruments

ADS1283 Datasheet PDF - Texas Instruments
Part # ADS1283
Download  ADS1283 Download
File Size   1878.56 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1283 High-Resolution, Analog-to-Digital Converter

ADS1283 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1283 Datasheet PDF - Texas Instruments

Part # ADS1283
Download  ADS1283 Click to download

File Size   1878.56 Kbytes
Page   67 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS1283 High-Resolution, Analog-to-Digital Converter

ADS1283 Datasheet (HTML) - Texas Instruments


ADS1283 Product details

1 Features
1• High Resolution:
– SNR: 130 dB (250 SPS, PGA = 1)
• High Accuracy:
– THD: –122 dB
• Low Power Consumption:
– 18 mW (PGA = 1, 2, 4, or 8)
– Shutdown Mode: 10 μW
• Low-Noise PGA: 5 nV/√Hz
• Two-Channel Input Multiplexer
• Inherently-Stable Modulator With Fast Responding
Overrange Detector
• Flexible Digital Filter:
– Sinc + FIR + IIR (Selectable)
– Linear or Minimum Phase Response
– Programmable High-Pass Filter
– Selectable FIR Data Rates:
250 SPS to 4 kSPS
• Offset and Gain Calibration Engine
• SYNC Input
• Analog Supply: 5 V or ±2.5 V
• Digital Supply: 1.8 V to 3.3 V

2 Applications
• Energy Exploration
• Seismic Monitoring
• High-Accuracy Instrumentation

3 Description
The ADS1283 is an extremely high-performance,
single-chip, analog-to-digital converter (ADC) with an
integrated, low-noise programmable gain amplifier
(PGA) and two-channel input multiplexer (mux). The
ADS1283 is suitable for the demanding needs of
seismic monitoring equipment.
The converter uses a fourth-order, inherently stable,
delta-sigma (ΔΣ) modulator that provides outstanding
noise and linearity performance. The modulator digital
output is digitally filtered and decimated by the onchip
digital filter to yield the ADC conversion result.
The flexible input mux provides an additional external
input for measurement, as well as internal self-test
input connections. The PGA features outstanding low
noise (5 nV/√Hz) and very-high input impedance,
allowing easy interfacing to geophones and
hydrophones over a wide range of gains.
The digital filter provides selectable data rates from
250 to 4000 samples per second (SPS). The highpass
filter (HPF) features an adjustable corner
frequency. On-chip gain and offset scaling registers
support system calibration.
The synchronization input (SYNC) can be used to
synchronize the conversions of multiple ADS1283
devices.
The ADS1283 is available in a compact 24-lead, 5-
mm × 4-mm VQFN package, and is fully specified
from –40°C to +85°C, with a maximum operating
temperature range of –50°C to +125°C.




Similar Part No. - ADS1283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1283A TI1-ADS1283A Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1283AIRHFR TI1-ADS1283AIRHFR Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1283AIRHFT TI1-ADS1283AIRHFT Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1283B TI1-ADS1283B Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results


Similar Description - ADS1283

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC729 BURR-BROWN-DAC729 Datasheet
272Kb / 12P
Ultra-High Resolution 18-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1281 TI-ADS1281 Datasheet
767Kb / 46P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282 Datasheet
581Kb / 42P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_08 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282 TI-ADS1282_1 Datasheet
1Mb / 52P
High-Resolution Analog-to-Digital Converter
ADS1282-HT TI1-ADS1282-HT Datasheet
1Mb / 60P
HIGH-RESOLUTION ANALOG-TO-DIGITAL CONVERTER
ADS1281 TI1-ADS1281_14 Datasheet
910Kb / 51P
High-Resolution Analog-to-Digital Converter
logo
Analog Devices
DAC14QM AD-DAC14QM_15 Datasheet
2Mb / 6P
HIGH RESOLUTION DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1283 TI1-ADS1283 Datasheet
108Kb / 5P
High-Resolution, Analog-to-Digital Converter
ADS1284 TI1-ADS1284 Datasheet
98Kb / 5P
High-Resolution, Analog-to-Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com