Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS830E Datasheet (PDF) - Texas Instruments

ADS830E Datasheet PDF - Texas Instruments
Part # ADS830E
Download  ADS830E Download
File Size   338.66 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS830E Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS830E Datasheet PDF - Texas Instruments

Part # ADS830E
Download  ADS830E Click to download

File Size   338.66 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER

ADS830E Datasheet (HTML) - Texas Instruments


ADS830E Product details

FEATURES
HIGH SNR: 49.5dB
INTERNAL/EXTERNAL REFERENCE
OPTION
SINGLE-ENDED OR
DIFFERENTIAL ANALOG INPUT
PROGRAMMABLE INPUT RANGE:
1Vp-p /2Vp-p
LOW POWER: 170mW
LOW DNL: 0.2LSB
SINGLE +5V SUPPLY OPERATION
SSOP-20 PACKAGE

APPLICATIONS
MEDICAL IMAGING
VIDEO DIGITIZING
COMMUNICATIONS
DISK-DRIVE CONTROL

DESCRIPTION
The ADS830 is a pipeline, CMOS Analog-to-Digital (A/D)
converter that operates from a single +5V power supply.
This converter provides excellent performance with a singleended
input and can be operated with a differential input
for added spurious performance. This high performance
converter includes an 8-bit quantizer, high bandwidth
track/hold, and a high accuracy internal reference. It also
allows for the user to disable the internal reference and
utilize external references. This external reference option
provides excellent gain and offset matching when used in
multi-channel applications or in applications where DC full
scale range adjustment is required.
The ADS830 employs digital error correction techniques to
provide excellent differential linearity for demanding imaging
applications. Its low distortion and high SNR give
the extra margin needed for medical imaging, communications,
video, and test instrumentation.
The ADS830 is specified at a maximum sampling frequency
of 60MHz and a single-ended input range of 1.5V
to 3.5V. The ADS830 is available in a SSOP-20 package
and is pin-for-pin compatible with the 8-bit, 80MHz ADS831.




Similar Part No. - ADS830E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS830E BURR-BROWN-ADS830E Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830E TI1-ADS830E Datasheet
563Kb / 16P
ANALOG-TO-DIGITAL CONVERTER
ADS830E TI2-ADS830E Datasheet
335Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
APRIL 2001
ADS830E.B TI2-ADS830E.B Datasheet
335Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
APRIL 2001
ADS830E/1K TI2-ADS830E/1K Datasheet
335Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
APRIL 2001
More results


Similar Description - ADS830E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS831 BURR-BROWN-ADS831 Datasheet
179Kb / 11P
8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS931 TI-ADS931 Datasheet
442Kb / 16P
8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com